Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333W Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA333W
Description  2-channel high-efficiency digital audio system
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 19Page - STMicroelectronics STA333W Datasheet HTML 20Page - STMicroelectronics STA333W Datasheet HTML 21Page - STMicroelectronics STA333W Datasheet HTML 22Page - STMicroelectronics STA333W Datasheet HTML 23Page - STMicroelectronics STA333W Datasheet HTML 24Page - STMicroelectronics STA333W Datasheet HTML 25Page - STMicroelectronics STA333W Datasheet HTML 26Page - STMicroelectronics STA333W Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
STA333W
Register description
23/42
7.1.3
Serial data interface
The STA333W audio serial input was designed to interface with standard digital audio
components and to accept a number of serial data formats. STA333W always acts a slave
when receiving audio input from standard digital audio components. Serial data for two
channels is provided using 3 inputs: left/right clock LRCKI, serial clock BICKI, and serial
data 1 and 2 SDI12.
The SAI register (configuration register B - 0x01, bits D3-D0) and the SAIFB register
(configuration register B - 0x01, bit D4) are used to specify the serial data format. The
default serial data format is I2S, MSB first. Available formats are shown in the tables and
figure that follow.
Serial data first bit
Table 16.
SAIFB
Format
Notes
0
MSB-first
Default value
1
LSB-first
Default value
Table 17.
Support serial audio input formats for MSB first (SAIFB = 0)
BICKI
SAI [3:0]
SAIFB
Interface format
32fs
0000
0
I2S 15-bit data
0001
0
Left/right justified 16-bit data
48fs
0000
0
I2S 16 - 23-bit data
0001
0
Left justified 16 - 24-bit data
0010
0
Right justified 24-bit data
0110
0
Right justified 20-bit data
1010
0
Right justified 18-bit data
1110
0
Right justified 16-bit data
64fs
0000
0
I2S 16 - 24-bit data
0001
0
Left justified 16 - 24-bit data
0010
0
Right justified 24-bit data
0110
0
Right justified 20-bit data
1010
0
Right justified 18-bit data
1110
0
Right justified 16-bit data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com