Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333W Datasheet(PDF) 29 Page - STMicroelectronics

Part # STA333W
Description  2-channel high-efficiency digital audio system
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 25Page - STMicroelectronics STA333W Datasheet HTML 26Page - STMicroelectronics STA333W Datasheet HTML 27Page - STMicroelectronics STA333W Datasheet HTML 28Page - STMicroelectronics STA333W Datasheet HTML 29Page - STMicroelectronics STA333W Datasheet HTML 30Page - STMicroelectronics STA333W Datasheet HTML 31Page - STMicroelectronics STA333W Datasheet HTML 32Page - STMicroelectronics STA333W Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
STA333W
Register description
29/42
Binary output mode clock loss detection
Detects loss of input MCLK in binary mode and outputs 50% of the duty cycle.
LRCK double trigger protection
Actively prevents double trigger of LRCLK.
Auto EAPD on clock loss
When active will issue a power device power down signal (EAPD) on clock loss detection.
IC power down
The PWDN register is used to place the IC in a low-power state. When PWDN is written
as 0, the output will begin a soft-mute. After the mute condition is reached, EAPD will be
asserted to power down the power-stage, then the master clock to all internal hardware
expect the I2C block will be gated. This places the IC in a very low power consumption state.
External amplifier power down
The EAPD register directly disables/enables the internal power circuitry.
When EAPD = 0, the internal power section is placed on a low-power state (disabled).
Table 35.
Binary output mode clock loss detection
Bit
R/W
RST
Name
Description
3
R/W
1
BCLE
Binary output mode clock loss detection enable
Table 36.
LRCK double trigger protection
Bit
R/W
RST
Name
Description
4
R/W
1
LDTE
LRCLK double trigger protection enable
Table 37.
Auto EAPD on clock loss
Bit
R/W
RST
Name
Description
5
R/W
0
ECLE
Auto EAPD on clock loss
Table 38.
Power down
Bit
R/W
RST
Name
Description
6R/W
1PWDN
0: IC power down low-power condition
1: IC normal operation
Table 39.
External amplifier power down
Bit
R/W
RST
Name
Description
7
R/W
1
EAPD
0: external power stage power down active
1: normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com