Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333W Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA333W
Description  2-channel high-efficiency digital audio system
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 16Page - STMicroelectronics STA333W Datasheet HTML 17Page - STMicroelectronics STA333W Datasheet HTML 18Page - STMicroelectronics STA333W Datasheet HTML 19Page - STMicroelectronics STA333W Datasheet HTML 20Page - STMicroelectronics STA333W Datasheet HTML 21Page - STMicroelectronics STA333W Datasheet HTML 22Page - STMicroelectronics STA333W Datasheet HTML 23Page - STMicroelectronics STA333W Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Register description
STA333W
20/42
7.1
Configuration registers (0x00 - 0x05)
7.1.1
Configuration register A (address 0x00)
Master clock select
The STA333W will support sample rates of 32 kHz, 44.1 kHz, 48 KHz, 88.2 kHz, 96 kHz,
176.4 kHz, and 192 kHz. Therefore the internal clock will be:
"
32.768 MHz for 32 kHz
"
45.1584 MHz for 44.1 kHz, 88.2 kHz, and 176.4 kHz
"
49.152 MHz for 48 kHz, 96 kHz, and 192 kHz
The external clock frequency provided to the XTI pin must be a multiple of the input sample
frequency (fs).
The relationship between the input clock and the input sample rate is determined by both
the MCSx and the IR (input rate) register bits. The MCSx bits determine the PLL factor
generating the internal clock and the IR bit determines the oversampling ratio used
internally.
D7
D6
D5
D4
D3
D2
D1
D0
FDRB
TWAB
TWRB
IR1
IR0
MCS2
MCS1
MCS0
0
1100
011
Table 8.
Master clock select
Bit
R/W
RST
Name
Description
0R/W
1MCS0
Master clock select: Selects the ratio between the
input I2S sample frequency and the input clock.
1R/W
1MCS1
2R/W
0MCS2
Table 9.
MCS bits
Input sample rate
fs (kHz)
IR
MCS(2..0)
101
100
011
010
001
000
32, 44.1, 48
00
576 fs
128 fs
256 fs
384 fs
512 fs
768 fs
88.2, 96
01
NA
64 fs
128 fs
192 fs
256 fs
384 fs
176.4, 192
1X
NA
32 fs
64 fs
96 fs
128 fs
192 fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com