Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333W Datasheet(PDF) 36 Page - STMicroelectronics

Part # STA333W
Description  2-channel high-efficiency digital audio system
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 32Page - STMicroelectronics STA333W Datasheet HTML 33Page - STMicroelectronics STA333W Datasheet HTML 34Page - STMicroelectronics STA333W Datasheet HTML 35Page - STMicroelectronics STA333W Datasheet HTML 36Page - STMicroelectronics STA333W Datasheet HTML 37Page - STMicroelectronics STA333W Datasheet HTML 38Page - STMicroelectronics STA333W Datasheet HTML 39Page - STMicroelectronics STA333W Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
Register description
STA333W
36/42
7.10.2
Channel 2 post scale
The STA333W provides one additional multiplication after the last interpolation stage and
the distortion compensation on each channel, which can be used to limit the maximum
modulation index and therefore the peak current through the power device. The register
values represent an 8-bit signed fractional number. This number is extended to a 24-bit
number by adding zeros to the right and then directly multiplied by the data on that channel.
An independent post-scale is provided for each channel but all channels can use the
channel 1 post-scale factor by setting the post-scale link bit. By default, all post-scale factors
are set to 0x7F (pass-through).
7.11
Output limit register (address 0x34)
7.11.1
Thermal and over-current warning output limit register
The STA333W provides a simple mechanism for reacting to a thermal or over-current
warning in the power-device. When the TWARN or OCWARN input is asserted, the OLIM
setting is used to limit the output to that value. The default setting of 0x5A provides -3dB
limit. The limit in this situation can be adjusted by modifying the thermal warning/over-
current output limit value.
If the cause of the limiting was a thermal warning, the output limiting is removed when the
thermal warning situation disappears. If the cause of the limiting was an over-current
warning, the output limiting remains in effect until the device is reset.
D7
D6
D5
D4
D3
D2
D1
D0
C2PS7
C2PS6
C2PS5
C2PS4
C2PS3
C2PS2
C2PS1
C2PS0
01111111
D7
D6
D5
D4
D3
D2
D1
D0
OLIM7
OLIM6
OLIM5
OLIM4
OLIM3
OLIM2
OLIM1
OLIM0
0
1011010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com