Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333W Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA333W
Description  2-channel high-efficiency digital audio system
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 23Page - STMicroelectronics STA333W Datasheet HTML 24Page - STMicroelectronics STA333W Datasheet HTML 25Page - STMicroelectronics STA333W Datasheet HTML 26Page - STMicroelectronics STA333W Datasheet HTML 27Page - STMicroelectronics STA333W Datasheet HTML 28Page - STMicroelectronics STA333W Datasheet HTML 29Page - STMicroelectronics STA333W Datasheet HTML 30Page - STMicroelectronics STA333W Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
STA333W
Register description
27/42
filter. If any channel receives 2048 consecutive zero value samples (regardless of fs) then
that individual channel is muted if this function is enabled.
7.1.6
Configuration register E (address 0x04)
Max power correction variable
Max power correction
Setting the MPC bit turns on special processing that corrects the STA50x power device at
high power. This mode should lower the THD+N of a full DDX system at maximum power
output and slightly below. If enabled, MPC is operational in all output modes except tapered
(OM[1:0] = 01) and binary. When OCFG = 00, MPC will not effect channels 3 and 4, the
line-out channels.
Noise-shaper bandwidth selection
AM mode enable
The STA333W features a DDX processing mode that minimizes the amount of noise
generated in frequency range of AM radio. This mode is intended for use when DDX is
operating in a device with an AM tuner active. The SNR of the DDX processing is reduced to
~83 dB in this mode, which is still greater than the SNR of AM radio.
D7
D6
D5
D4
D3
D2
D1
D0
SVE
ZCE
DCCV
PWMS
AME
NSBW
MPC
MPCV
11000010
Table 26.
Max power correction variable
Bit
R/W
RST
Name
Description
0R/W
1MPCV
0: use standard MPC coefficient
1: use MPCC bits for MPC coefficient
Table 27.
Max power correction
Bit
R/W
RST
Name
Description
1R/W
1MPC
Setting of 1 enables STA50x correction for THD
reduction near maximum power output.
Table 28.
Noise shaper bandwidth selection
Bit
R/W
RST
Name
Description
2R/W
0NSBW
1: 3rd order NS
0: 4th order NS
Table 29.
AM mode enable
Bit
R/W
RST
Name
Description
3R/W
0AME
0: normal DDX operation
1: AM reduction mode DDX operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com