Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8103 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MSC8103
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MSC8103 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
1-22
Freescale Semiconductor
Signals/Connections
PB28
FCC2: RTS
HDLC serial, HDLC nibble, and
transparent
FCC2: RX_ER
MII
SCC2: RTS, TENA
SI2 TDMB2: L1TSYNC
TDM serial
Output
Input
Output
Input
FCC2: Request to Send
One of the standard modem interface signals supported by FCC2 (RTS,
CTS, and CD). RTS is asynchronous with the data. RTS is typically used
in conjunction with CD. The MSC8103 FCC2 transmitter requests the
receiver to send data by asserting RTS low. The request is accepted
when CTS is returned low.
FCC2: Media Independent Interface Receive Error
Asserted by an external fast Ethernet PHY to indicate a receive error,
which often indicates bad wiring.
SCC2: Request to Send, Transmit Enable
Typically used in conjunction with CD supported by SCC2. The
MSC8103 SCC2 transmitter requests the receiver to send data by
asserting RTS low. The request is accepted when CTS is returned low.
TENA is the signal used in Ethernet mode.
Time-Division Multiplexing B2: Layer 1 Transmit Synchronization
The synchronizing signal for the transmit channel. See the serial
interface with time-slot assigner chapter in the
MSC8103 Reference
Manual.
PB27
FCC2: COL
MII
SI2 TDMC2: L1TXD
TDM serial
Input
Output
FCC2: Media Independent Interface Collision Detect
Asserted by an external fast Ethernet PHY when a collision is detected.
Time-Division Multiplexing C2: Layer 1 Transmit Data
TDMC2 transmits serial data out of L1TXD.
PB26
FCC2: CRS
MII
SI2 TDMC2: L1RXD
TDM serial
Input
Input
FCC2: Media Independent Interface Carrier Sense Input
Asserted by an external fast Ethernet PHY to indicate activity on the
cable.
Time-Division Multiplexing C2: Layer 1 Receive Data
TDMC2 receives serial data from L1RXD.
PB25
FCC2: TXD3
MII and HDLC nibble
SI1 TDMA1: L1TXD3
TDM nibble
SI2 TDMC2: L1TSYNC
TDM serial
Output
Output
Input
FCC2: MII and HDLC Nibble Transmit Data Bit 3
TXD3 is bit 3 and the most significant bit of the transmit data nibble.
Time-Division Multiplexing A1: Nibble Layer 1 Transmit Data Bit 3
L1TXD3 is bit 3 and the most significant bit of the transmit data nibble.
Time-Division Multiplexing C2: Layer 1 Transmit Synchronization
The synchronizing signal for the transmit channel. See the
Serial
Interface with Time-Slot Assigner chapter in the MSC8103 Reference
Manual.
PB24
FCC2: TXD2
MII and HDLC nibble
SI1 TDMA1: L1RXD3
nibble
SI2 TDMC2: L1RSYNC
serial
Output
Input
Input
FCC2: MII and HDLC Nibble: Transmit Data Bit 2
TXD2 is bit 2 of the transmit data nibble.
Time-Division Multiplexing A1: Nibble Layer 1 Receive Data Bit 3
L1RXD3 is bit 3 and the most significant bit of the receive data nibble.
Time-Division Multiplexing C2: Layer 1 Receive Synchronization
The synchronizing signal for the receive channel.
Table 1-8.
Port B Signals (Continued)
Name
Dedicated
I/O Data
Direction
Description
General-
Purpose I/O
Peripheral Controller:
Dedicated I/O
Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com