Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8103 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MSC8103
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MSC8103 Datasheet HTML 52Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 53Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 54Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 55Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 56Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 57Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 58Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 59Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
2-16
Freescale Semiconductor
Physical and Electrical Specifications
Table 2-17.
AC Timing for SIU Outputs
No.
Characteristic
Min.
Maximum2
Units
30 pF
50 pF
31a
TA delay from the 50% level of the DLLIN rising edge
•
Pipeline mode
•
Non-pipeline mode
1.0
1.0
5.0
4.0
6.5
5.5
ns
ns
31b
TEA delay from the 50% level of the DLLIN rising edge
•
Pipeline mode
•
Non-pipeline mode
1.0
1.0
3.0
3.5
4.5
5.0
ns
ns
31c
PSDVAL delay from the 50% level of the DLLIN rising edge
•
Pipeline mode
•
Non-pipeline mode
1.0
1.0
4.0
3.5
5.5
5.0
ns
ns
32a
Address bus delay from the 50% level of the DLLIN rising edge
•
Multi master mode (SIUBCR[EBM] = 1)
•
Single master mode (SIUBCR[EBM] = 0)
1.0
1.0
6.3
5.5
7.8
7.0
ns
ns
32b
Address attributes: TT/TBST/TSIZ/GBL delay from the 50% level of the DLLIN rising edge
1.0
5.5
7.0
ns
32c
BADDR delay from the 50% level of the DLLIN rising edge
1.0
3.5
5.0
ns
33a
Data bus delay from the 50% level of the DLLIN rising edge
•
Pipeline mode
•
Non-pipeline mode
1.0
1.0
5.0
6.0
6.5
7.5
ns
ns
33b
DP delay from the 50% level of the DLLIN rising edge
•
Pipeline mode
•
Non-pipeline mode
1.0
1.0
4.0
6.5
5.5
8.0
ns
ns
34
Memory controller signals/ALE delay from the 50% level of the DLLIN rising edge
1.0
5.5
7.0
ns
35a
DBG/BR/DBB delay from the 50% level of the DLLIN rising edge
1.0
4.0
5.5
ns
35b
AACK/ABB/CS delay from the 50% level of the DLLIN rising edge
1.0
4.5
6.0
ns
35c
BG delay from the 50% level of the DLLIN rising edge
1.0
4.0
5.5
ns
35d
TS delay from the 50% level of the DLLIN rising edge
1.0
3.5
5.0
ns
36
Delay from the 50% level of the DLLIN rising edge for all other signals
1.0
4.5
6.0
ns
Notes:
1.
The maximum bus frequency depends on the mode:
• In 60x-compatible mode connected to another MSC8103 device, the frequency is determined by adding the input and output
longest timing values, which results in a frequency of 75 MHz for 30 pF output capacitance. In multi-master mode when
connected to another MSC8103 device, the frequency is determined by adding the input and output longest timing values,
which results in a frequency of 75 MHz for 30 pF output capacitance.
• Certain bus modes, such as non-extra cycle (EXDD = 1), non-pipelined, and ECC/Parity modes, result in slower bus
frequencies.
• In single-master mode, the frequency depends on the timing of the devices connected to the MSC8103.
2.
Output specifications are measured from the 50% level of the rising edge of DLLIN to the 50% level of the signal. Timings are
measured at the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com