Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8103 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MSC8103
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MSC8103 Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 48Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 49Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 50Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 51Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 52Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 104 page
background image
AC Timings
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
2-9
2.6.4
Reset Timing
The MSC8103 has several inputs to the reset logic:
• Power-on reset (PORESET)
• External hard reset (HRESET)
• External soft reset (SRESET)
Asserting an external PORESET causes concurrent assertion of an internal PORESET signal, HRESET, and SRESET.
When the external PORESET signal is deasserted, the MSC8103 samples several configuration pins:
RSTCONF—determines whether the MSC8103 is a master (0) or slave (1) device
DBREQ—determines whether to operate in normal mode (0) or invoke the SC140 debug mode (1)
HPE—disable (0) or enable (1) the host port (HDI16)
BTM[0–1]—boot from external memory (00) or the HDI16 (01)
All these reset sources are fed into the reset controller, which takes different actions depending on the source of the
reset. The reset status register indicates the last sources to cause a reset. Table 2-12 describes reset causes.
Table 2-11.
Clock Ranges
Clock
Symbol
Maximum Rated Core Frequency
All
Max. Values for SC140 Clock Rating of:
Min
275 MHz
300 MHz
Input Clock
CLKIN
18 MHz
91.67 MHz
100 MHz
SPLL MF Clock
SPLLMFCLK
18 MHz
34.38 MHz
37.5 MHz
Bus/Output
BCLK
CLKOUT
18 MHz
91.67 MHz
100 MHz
Serial Communications Controller
SCLK
35 MHz
91.67 MHz
100 MHz
Communications Processor Module
CPMCLK
70 MHz
183.3 MHz
200 MHz
SC140 Core
DSPCLK
72 MHz
275 MHz
300 MHz
Baud Rate Generator
For BRG DF = 4
For BRG DF = 16 (default)
For BRG DF = 64
For BRG DF = 256
BRGCLK
36 MHz
9 MHz
2.25 MHz
562.5 KHz
91.67 MHz
22.91 MHz
5.73 MHz
1.43 MHz
100 MHz
25 MHz
6.25 MHz
1.56 MHz
Table 2-12.
Reset Causes
Name
Direction
Description
Power-on reset
(PORESET)
Input
PORESET initiates the power-on reset flow that resets all the MSC8103s and configures
various attributes of the MSC8103, including its clock mode.
Hard reset
(HRESET)
Input/Output
The MSC8103 can detect an external assertion of HRESET only if it occurs while the
MSC8103 is not asserting reset. During HRESET, SRESET is asserted. HRESET is an open-
drain pin.
Soft reset
(SRESET)
Input/Output
The MSC8103 can detect an external assertion of SRESET only if it occurs while the
MSC8103 is not asserting reset. SRESET is an open-drain pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com