Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8103 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MSC8103
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MSC8103 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 104 page
background image
CPM Ports
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
1-33
1.6.4
Port D Signals
Table 1-10.
Port D Signals
Name
Dedicated
I/O Data
Direction
Description
General-
Purpose I/O
Peripheral Controller:
Dedicated I/O
Protocol
PD31
SCC1: RXD
DMA: DRACK1
DMA: DONE1
Input
Output
Input/ Output
SCC1: Receive Data
SCC1 receives serial data from RXD.
DMA: Data Request Acknowledge 1
DACK1, DREQ1, DRACK1, and DONE1 belong to the SIU DMA
controller. DONE1 and DRACK1 are signals on the same pin and
therefore cannot be used simultaneously. There are two sets of DMA
pins associated with the PIO ports.
DMA: Done 1
DACK1, DREQ1, DRACK1, and DONE1 belong to the SIU DMA
controller. DONE1 and DRACK1 are signals on the same pin and
therefore cannot be used simultaneously. There are two sets of DMA
pins associated with the PIO ports.
PD30
SCC1: TXD
DMA: DRACK2
DMA: DONE2
Output
Output
Input/ Output
SCC1: Transmit Data
SCC1 transmits serial data out of TXD.
DMA: Data Request Acknowledge 2
DACK2, DREQ2, DRACK2, and DONE2 belong to the SIU DMA
controller. DONE2 and DRACK2 are signals on the same pin and
therefore cannot be used simultaneously. There are two sets of DMA
pins associated with the PIO ports.
DMA: Done 2
DACK2, DREQ2, DRACK2, and DONE2 belong to the SIU DMA
controller. DONE2 and DRACK2 are signals on the same pin and
therefore cannot be used simultaneously. There are two sets of DMA
pins associated with the PIO ports.
PD29
SCC1: RTS, TENA
FCC1: RXADDR3
UTOPIA master
FCC1: RXADDR3
UTOPIA slave
FCC1: RXCLAV2
UTOPIA multi-PHY master, direct
polling
Output
Output
Input
Input
SCC1: Request to Send, Transmit Enable
Typically used in conjunction with CD supported by SCC2. The
MSC8103 SCC1 transmitter requests the receiver to send data by
asserting RTS low. The request is accepted when CTS is returned low.
TENA is the signal used in Ethernet mode.
FCC1: UTOPIA Multi-PHY Master Receive Address Bit 3
This is master receive address bit 3.
FCC1: UTOPIA Slave Receive Address Bit 3
This is slave receive address bit 3.
FCC1: UTOPIA Multi-PHY Master Receive Cell Available 2 Direct
Polling
Asserted by an external PHY when one complete ATM cell is available
for transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com