Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8103 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MSC8103
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MSC8103 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
1-30
Freescale Semiconductor
Signals/Connections
PC13
SI1: L1ST4
SCC2: CTS,CLSN
FCC1:TXADDR1
UTOPIA master
FCC1: TXADDR1
UTOPIA slave
Output
Input
Output
Input
Serial Interface 1: Layer 1 Strobe 4
The MSC8103 time-slot assigner supports up to four strobe outputs that
can be asserted on a bit or byte basis. The strobe outputs are useful for
interfacing to other devices that do not support the multiplexed interface or
for enabling/disabling three-state I/O buffers in a multiple-transmitter
architecture. These strobes can also generate output wave forms for such
applications as stepper-motor control.
SCC2: Clear to Send, Collision
Typically used in conjunction with RTS. The MSC8103 SCC2 transmitter
sends out a request to send data signal (RTS). The request is accepted
when CTS is returned low. CLSN is the signal used in Ethernet mode. See
also PC28.
FCC1: UTOPIA Multi-PHY Master Transmit Address Bit 1
This is master transmit address bit 1.
FCC1: UTOPIA Multi-PHY Slave Transmit Address Bit 1
This is slave transmit address bit 1.
PC12
SI1: L1ST3
SCC2: CD, RENA
FCC1: RXADDR1
UTOPIA master
FCC1: RXADDR1
UTOPIA slave
Output
Input
Output
Input
Serial Interface 1: Layer 1 Strobe 3
The MSC8103 time-slot assigner supports up to four strobe outputs that
can be asserted on a bit or byte basis. The strobe outputs are useful for
interfacing to other devices that do not support the multiplexed interface or
for enabling/disabling three-state I/O buffers in a multiple-transmitter
architecture. These strobes can also generate output wave forms for such
applications as stepper-motor control.
SCC2: Carrier Detect, Request Enable
Typically used in conjunction with RTS supported by SCC2. The MSC8103
SCC2 transmitter requests to the receiver that it sends data by asserting
RTS low. The request is accepted when CTS is returned low.
FCC1: UTOPIA Multi-PHY Master Receive Address Bit 1
This is master receive address bit 1.
FCC1: UTOPIA Multi-PHY Slave Receive Address Bit 1
This is slave receive address bit 1.
Table 1-9.
Port C Signals (Continued)
Name
Dedicated
I/O Data
Direction
Description
General-
Purpose I/O
Peripheral Controller:
Dedicated I/O
Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com