Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8103 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MSC8103
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MSC8103 Datasheet HTML 10Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 11Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 12Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
1-10
Freescale Semiconductor
Signals/Connections
D56
HACK/HACK
HRRQ/HRRQ
Input/Output
Output
Output
Data Bus Bit 56
In write transactions the bus master drives the valid data on this pin. In read transactions the slave
drives the valid data on this pin.
Host Acknowledge3
When the HDI16 is programmed to interface with a single host request host bus, this pin is the host
acknowledge Schmitt trigger input (HACK). The polarity of the host acknowledge is programmable.
Receive Host Request3
When the HDI16 is programmed to interface with a double host request host bus, this pin is the
receive host request output (HRRQ/HRRQ). The signal can be programmed as driven or open drain.
The polarity of the host request is programmable.
D57
HDSP
Input/Output
Input
Data Bus Bit 57
In write transactions the bus master drives the valid data on this pin. In read transactions the slave
drives the valid data on this pin.
Host Data Strobe Polarity3
When the HDI16 interface is enabled, this pin is the host data strobe polarity (HDSP).
D58
HDDS
Input/Output
Input
Data Bus Bit 58
In write transactions the bus master drives the valid data on this pin. In read transactions the slave
drives the valid data on this pin.
Host Dual Data Strobe3
When the HDI16 interface is enabled, this pin is the host dual data strobe (HDDS).
D59
H8BIT
Input/Output
Input
Data Bus Bit 59
In write transactions the bus master drives the valid data on this pin. In read transactions the slave
drives the valid data on this pin.
H8BIT3
When the HDI16 interface is enabled, this bit determines if the interface is in 8-bit or 16-bit mode.
D60
HCS2
Input/Output
Input
Data Bus Bit 60
In write transactions the bus master drives the valid data on this pin. In read transactions the slave
drives the valid data on this pin.
Host Chip Select 3
When the HDI16 interface is enabled, this is one of the two chip-select pins. The HDI16 chip select
is a logical OR of HCS1 and HCS2.
D[61–63]
Reserved
Input/Output
Data Bus Bits 61–63
Used only in 60x-mode-only mode. In write transactions the bus master drives the valid data on this
bus. In read transactions the slave drives the valid data on this bus.
These dedicated signals are reserved when the HDI16 is enabled.3
Reserved
DP0
EXT_BR2
Input
Input/Output
Input
The primary configuration is reserved.
Data Parity 01
The agent that drives the data bus also drives the data parity signals. The value driven on the data
parity zero pin should give odd parity (odd number of ones) on the group of signals that includes
data parity 0 and D[0–7].
External Bus Request 21,2
An external master asserts this pin to request bus ownership from the internal arbiter.
Table 1-5.
System Bus, HDI16, and Interrupt Signals (Continued)
Signal
Data Flow
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com