Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8103 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MSC8103
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MSC8103 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
1-26
Freescale Semiconductor
Signals/Connections
PC28
BRG4O
CLK4
TIN1
Timer2: TOUT2
SCC2: CTS, CLSN
Output
Input
Input
Output
Input
Baud-Rate Generator 4 Output
The CPM supports up to 8 BRGs used internally by the bank-of-clocks
selection logic and/or to provide an output to one of the 8 BRG pins.
Clock 4
The CPM supports up to 10 clock input pins sent to the bank-of-clocks
selection logic, where they can be routed to the controllers.
Timer Input 1
A timer can have one of the following sources: another timer, system
clock, system clock divided by 16 or a timer input. The CPM supports up to
4 timer inputs. The timer inputs can be captured on the rising, falling or
both edges.
Timer 2: Timer Output 2
The timers (Timer[1–4]) can output a signal on a timer output (TOUT[1–4])
when the reference value is reached. This signal can be an active-low
pulse or a toggle of the current output. The output can also be connected
internally to the input of another timer, resulting in a 32-bit timer.
SCC2: Clear to Send, Collision
Typically used in conjunction with RTS. The MSC8103 SCC2 transmitter
sends out a request to send data signal (RTS). The request is accepted
when CTS is returned low. CLSN is the signal used in Ethernet mode. See
also PC13.
PC27
BRG5O
CLK5
TIMER3/4: TGATE2
Output
Input
Input
Baud-Rate Generator 5 Output
The CPM supports up to 8 BRGs used internally by the bank-of-clocks
selection logic and/or to provide an output to one of the 8 BRG pins.
Clock 5
When selected, CLK5 is a source for the SIU timers via BRG1O. See the
System Interface Unit (SIU) chapter in the MSC8103 Reference Manual
for additional information. If CLK5 is not enabled, BRG1O uses an internal
input. If TMCLK is enabled (see PC26 below), the BRG1O input to the SIU
timers is disabled.
Timer 3/4: Timer Gate 2
The timers can be gated/restarted by an external gate signal. There are
two gate signals: TGATE1 controls timer 1 and/or 2 and TGATE2 controls
timer 3 and/or 4.
Table 1-9.
Port C Signals (Continued)
Name
Dedicated
I/O Data
Direction
Description
General-
Purpose I/O
Peripheral Controller:
Dedicated I/O
Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com