Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8103 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MSC8103
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MSC8103 Datasheet HTML 49Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 50Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 51Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 52Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 53Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 54Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 55Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 56Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 104 page
background image
AC Timings
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
2-13
2.6.4.4 Hardware Reset Configuration
Hardware reset configuration is enabled if HPE is sampled low at the rising edge of PORESET. The value driven on
RSTCONF
while PORESET changes from assertion to deassertion determines the MSC8103 configuration. If
RSTCONF
is deasserted (driven high) while PORESET changes, the MSC8103 acts as a configuration slave. If
RSTCONF
is asserted (driven low) while PORESET changes, the MSC8103 acts as a configuration master. Section
2.6.4.4, Hardware Reset Configuration, explains the configuration sequence and the terms “configuration master”
and “configuration slave.”
Directly after the deassertion of PORESET and choice of the reset operation mode as configuration master or
configuration slave, the MSC8103 starts the configuration process. The MSC8103 asserts HRESET and SRESET
throughout the power-on reset process, including configuration. Configuration takes 1024 CLOCKIN cycles, after
which MODCK[1–3] are sampled to determine the MSC8103’s working mode.
Next, the MSC8103 halts until the SPLL locks. The SPLL locks according to MODCK[1–3], which are sampled, and
to MODCK_H taken from the Reset Configuration Word. SPLL locking time is 800 reference clocks, which is the
clock at the output of the SPLL Pre-divider. After the SPLL is locked, all the clocks to the MSC8103 are enabled.
If the DLLDIS bit in the reset configuration word is reset, the DLL starts the locking process after the SPLL is
locked. During PLL and DLL locking, HRESET and SRESET are asserted. HRESET remains asserted for another 512
BUS clocks and is then released. The SRESET is released three bus clocks later. If the DLLDIS bit in the reset
configuration word is set, the DLL is bypassed and there is no locking process, thus saving the DLL locking time.
Figure 2-8 shows the power-on reset flow.
Figure 2-8.
Hardware Reset Configuration Timing
PORESET
PORESET
Internal
HRESET
Input
SRESET
RSTCONF is sampled for
master/slave determination
MODCK[1–3] are sampled.
MODCK_H bits are ready
for PLL.
HRESET/SRESET are
extended for 512/515 bus
clocks, respectively, from PLL
and DLL Lock time.
In reset configuration mode:
reset configuration sequence
occurs in this period.
PLL locks after
800 SPLLMFCLKs. DLL
locks 3073 bus clocks after
PLL is locked.
When DLL is disabled, reset
period is shortened by 3073
bus clocks.
Output (I/O)
Output (I/O)
1
asserted for
min 16
CLKIN.
2
3
4
PLL locked
DLL locked
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com