Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8103 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # MSC8103
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MSC8103 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 104 page
background image
CPM Ports
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
1-27
PC26
BRG6O
CLK6
Timer3: TOUT3
TMCLK
Output
Input
Output
Input
Baud-Rate Generator 6 Output
The CPM supports up to 8 BRGs used internally by the bank-of-clocks
selection logic and/or provide an output to one of the 8 BRG pins.
Clock 6
The CPM supports up to 10 clock input pins sent to the bank-of-clocks
selection logic, where they can be routed to the controllers.
Timer 3: Timer Out 3
The timers (Timer[1–4]) can output a signal on a timer output (TOUT[1–4])
when the reference value is reached. This signal can be an active-low
pulse or a toggle of the current output. The output can also connect
internally to the input of another timer, resulting in a 32-bit timer.
Timer Clock
When selected, TMCLK is the designated input to the SIU timers. When
TMCLK is configured as the input to the SIU timers, the BRG1O input is
disabled. See the
System Interface Unit (SIU) chapter in the MSC8103
Reference Manual for additional information.
PC25
BRG7O
CLK7
TIN4
DMA: DACK2
Output
Input
Input
Output
Baud-Rate Generator 7 Output
The CPM supports up to 8 BRGs used internally by the bank-of-clocks
selection logic and/or provide an output to one of the 8 BRG pins.
Clock 7
The CPM supports up to 10 clock input pins sent to the bank-of-clocks
selection logic, where they can be routed to the controllers.
Timer Input 4
A timer can have one of the following sources: another timer, system
clock, system clock divided by 16 or a timer input. The CPM supports up to
4 timer inputs. The timer inputs can be captured on the rising, falling or
both edges.
DMA: Data Acknowledge 2
DACK2, DREQ2, DRACK2 and DONE2 belong to the SIU DMA controller.
DONE2 and DRACK2 are signals on the same pin and therefore cannot be
used simultaneously. There are two sets of DMA pins associated with the
PIO ports.
Table 1-9.
Port C Signals (Continued)
Name
Dedicated
I/O Data
Direction
Description
General-
Purpose I/O
Peripheral Controller:
Dedicated I/O
Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com