Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8103 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MSC8103
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MSC8103 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 104 page
background image
DC Electrical Characteristics
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
2-3
2.4 DC Electrical Characteristics
This section describes the DC electrical characteristics for the MSC8103. The measurements in Table 2-4 assume
the following system conditions:
•TJ = 0 – 100 °C
• VDD = 1.6 V ± 5% VDC
• VDDH = 3.3 V ± 5% VDC
• GND = 0 VDC
Note:
The leakage current is measured for nominal VDDH and VDD or both VDDH and VDD must vary in the same
direction (for example, both VDDH and VDD vary by ± 5 percent).
Table 2-4.
DC Electrical Characteristics
Characteristic
Symbol
Min
Max
Unit
Input high voltage1, all inputs except CLKIN
VIH
2.0
3.465
V
Input low voltage1
VIL
GND
0.8
V
CLKIN input high voltage
VIHC
2.5
3.465
V
CLKIN input low voltage2
VILC
GND
0.8
V
Input leakage current, VIN = VDDH
IIN
—10
µA
Tri-state (high impedance off state) leakage current,
VIN = VDDH
IOZ
—10
µA
Signal low input current3, VIL = 0.4 V
IL
—
–4.0
mA
Signal high input current3, VIH = 2.0 V
IH
—4.0
mA
Output high voltage, IOH = –2 mA, except open drain pins
VOH
2.4
—
V
Output low voltage, IOL= 3.2 mA
VOL
—0.4
V
Notes:
1.
See Figure 2-1 for undershoot and overshoot voltages.
2.
The optimum CLKIN duty cycle is obtained when: VILC = VDDH – VIHC.
3.
Not tested. Guaranteed by design.
Figure 2-1.
Overshoot/Undershoot Voltage for VIH and VIL
Table 2-5.
Typical Power Dissipation
Characteristic
Symbol
Typical
Unit
Core power dissipation at 300 MHz
PCORE
450
mW
CPM power dissipation at 200 MHz
PCPM
320
mW
SIU power dissipation at 100 MHz
PSIU
80
mW
Core leakage power
PLCO
3mW
CPM leakage power
PLCP
6mW
SIU leakage power
PLSI
2mW
GND
GND – 0.3 V
GND – 0.7 V
VIL
VIH
Must not exceed 10% of clock period
VDDH + 20%
VDDH + 10%
VDDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com