Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8103 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MSC8103
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MSC8103 Datasheet HTML 61Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 62Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 63Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 64Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 65Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 66Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 67Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 68Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 104 page
background image
AC Timings
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
2-25
Note:
The timing values refer to minimum system timing requirements. Actual implementation requires
conformance to the specific protocol requirements. Refer to Chapter 1 to identify the specific input and
output signals associated with the referenced internal controllers and supported communication protocols.
For example, FCC1 supports ATM/Utopia operation in slave mode, multi-PHY master direct polling
mode, and multi-PHY master multiplexed polling mode and each of these modes supports its own set of
signals; the direction (input or output) of some of the shared signal names depends on the selected mode.
2.6.8
JTAG Signals
Figure 2-23.
PIO, Timer, and DMA Signal Diagram
Table 2-22.
JTAG Timing
No.
Characteristics
All frequencies
Unit
Min
Max
500
TCK frequency of operation
0.0
40.0
MHz
501
TCK cycle time
25.0
—
ns
502
TCK clock pulse width measured at 1.6 V
12.5
—
ns
503
TCK rise and fall times
0.0
3.0
ns
508
TMS, TDI data set-up time
6.0
—
ns
509
TMS, TDI data hold time
3.0
—
ns
510
TCK low to TDO data valid
0.0
15.0
ns
511
TCK low to TDO high impedance
0.0
20.0
ns
512
TRST assert time
100.0
—
ns
513
TRST set-up time to TCK low
40.0
—
ns
Figure 2-24.
Test Clock Input Timing Diagram
DLLIN
PIO/TIMER/DMA inputs
PIO/TIMER/DMA outputs
22
23
42
TCK
(Input)
VM
VM
VIH
VIL
501
502
502
503
503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com