Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8103 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MSC8103
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MSC8103 Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC8103 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 104 page
background image
CPM Ports
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
1-15
1.6 CPM Ports
The MSC8103 CPM supports the subset of MPC8260 signals as described below.
• The MSC8103 CPM includes the following set of communication controllers:
• Two full-duplex fast serial communications controllers (FCCs) that support:
— Asynchronous transfer mode (ATM) through a UTOPIA 8 interface (FCC1 only)—The MSC8103 can
operate as one of the following:
° UTOPIA slave device
° UTOPIA multi-PHY master device using direct polling for up to 4 PHY devices
° UTOPIA multi-PHY master device using multiplex polling that can address up to 31 PHY devices at addresses 0–30
(address 31 is reserved as a null port).
— IEEE 802.3/Fast Ethernet through a Media-Independent Interface (MII)
— High-level data link control (HDLC) Protocol:
° Serial mode—Transfers data one bit at a time
° Nibble mode—Transfers data four bits at a time
— Transparent mode serial operation
• One FCC that operates with the TSA only
• Two multi-channel controllers (MCCs) that together can handle up to 256 HDLC/transparent channels at 64
Kbps each, multiplexed on up to four TDM interfaces
• Two full-duplex serial communications controllers (SCCs) that support the following protocols:
— IEEE 802.3/fast Ethernet through a media-independent interface (MII)
— HDLC Protocol:
° Serial mode—Transfers data one bit at a time
° Nibble mode—Transfers data four bits at a time
— Synchronous data link control (SDLC)
— LocalTalk (HDLC-based local area network protocol)
— Universal asynchronous receiver/transmitter (UART)
— Synchronous UART (1x clock mode)
— Binary synchronous (BISYNC) communication
— Transparent mode serial operation
• Two additional SCCs that operate with the TSA only
• Two full-duplex serial management controllers (SMCs) that support the following protocols:
— General circuit interface (GCI)/integrated services digital network (ISDN) monitor and C/I channels (TSA
only)
— UART
— Transparent mode serial operation
• Serial peripheral interface (SPI) support for master or slave operation
• Inter-integrated circuit (I2C) bus controller
• Time-slot assigner (TSA) that supports multiplexing from any of the SCCs, FCCs, SMCs, and two MCCs onto
four time-division multiplexed (TDM) interfaces. The TSA uses two serial interfaces (SI1 and SI2). SI1 uses
TDMA1 which supports both serial and nibble mode. SI2 does not support nibble mode and includes TDMB2,
TDMC2, and TDMD2, which operate only in serial mode.
The individual sets of externals signals associated with a specific protocol and data transfer mode are multiplexed
across any or all of the ports, as shown in Figure 1-2. The following sections describe the signals supported by
Ports A–D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com