Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8103/D Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MSC8103/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103/D Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MSC8103/D Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 104 page
background image
CPM Ports
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
1-31
PC7
SI2: L1ST1
FCC1: CTS
HDLC serial, HDLC nibble,
and
transparent
FCC1: TXADDR2
UTOPIA master
FCC1: TXADDR2
UTOPIA slave
FCC1: TXCLAV1
UTOPIA multi-PHY master, direct
polling
Output
Input
Output
Input
Input
Serial Interface 2: Strobe 1
The MSC8103 time-slot assigner supports up to four strobe outputs that
can be asserted on a bit or byte basis. The strobe outputs are useful for
interfacing to other devices that do not support the multiplexed interface or
for enabling/disabling three-state I/O buffers in a multiple-transmitter
architecture. These strobes can also generate output wave forms for such
applications as stepper-motor control.
FCC1: Clear To Send
In the standard modem interface signals supported by FCC1 (RTS, CTS,
and CD). CTS is asynchronous with the data.
FCC1: UTOPIA Multi-PHY Master Transmit Address Bit 2
This is master transmit address bit 2.
FCC1: UTOPIA Multi-PHY Slave Transmit Address Bit 2
This is slave transmit address bit 2.
FCC1: UTOPIA Multi-PHY Master Transmit Cell Available 1 Direct
Polling
Asserted by an external UTOPIA slave PHY to indicate that it can accept
one complete ATM cell.
PC6
SI2: L1ST2
FCC1: CD
HDLC serial, HDLC nibble,
and
transparent
FCC1: RXADDR2
UTOPIA master
FCC1: RXADDR2
UTOPIA slave
FCC1: RXCLAV1
UTOPIA multi-PHY master, direct
polling
Output
Input
Output
Input
Input
Serial Interface 2: Layer 1 Strobe 2
The MSC8103 time-slot assigner supports up to four strobe outputs that
can be asserted on a bit or byte basis. The strobe outputs are useful for
interfacing to other devices that do not support the multiplexed interface or
for enabling/disabling three-state I/O buffers in a multiple-transmitter
architecture. These strobes can also generate output wave forms for such
applications as stepper-motor control.
FCC1: Carrier Detect
In the standard modem interface signals supported by FCC1 (RTS, CTS,
and CD). CD is an input asynchronous with the data.
FCC1: UTOPIA Multi-PHY Master Receive Address Bit 2
This is master receive address bit 2.
FCC1: UTOPIA Slave Receive Address Bit 2
This is slave receive address bit 2.
FCC1: UTOPIA Multi-PHY Master Receive Cell Available 1 Direct
Polling
Asserted by an external PHY when one complete ATM cell is available for
transfer.
Table 1-9.
Port C Signals (Continued)
Name
Dedicated
I/O Data
Direction
Description
General-
Purpose I/O
Peripheral Controller:
Dedicated I/O
Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com