Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8103/D Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MSC8103/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103/D Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MSC8103/D Datasheet HTML 55Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 56Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 57Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 58Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 59Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 60Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 61Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 62Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 104 page
background image
AC Timings
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
2-19
Figure 2-12 and Figure 2-13 show HDI16 read signal timing. Figure 2-14 and Figure 2-15 show HDI16 write
signal timing.
48
Host data input minimum hold time after write data strobe deassertion8
Host data input minimum hold time after HACK write deassertion
5.0
ns
49
Read data strobe minimum assertion to output data active from high
impedance4
HACK read minimum assertion to output data active from high impedance
5.0
ns
50
Read data strobe maximum assertion to output data valid4
HACK read maximum assertion to output data valid
(2.0
× TC) + 5.0
Note 11
ns
51
Read data strobe maximum deassertion to output data high impedance4
HACK read maximum deassertion to output data high impedance
5.0
ns
52
Output data minimum hold time after read data strobe deassertion4
Output data minimum hold time after HACK read deassertion
5.0
ns
53
HCS[1–2] minimum assertion to read data strobe assertion4
—5.0
ns
54
HCS[1–2] minimum assertion to write data strobe assertion8
—5.0
ns
55
HCS[1–2] maximum assertion to output data valid
TC + 5.0
Note 11
ns
56
HCS[1–2] minimum hold time after data strobe deassertion9
—0.0
ns
57
HA[0–3], HRW minimum set-up time before data strobe assertion9
Read
•Write
0
5.0
ns
ns
58
HA[0–3], HRW minimum hold time after data strobe deassertion9
—5.0
ns
61
Maximum delay from read data strobe deassertion to host request deassertion
for “Last Data Register” read4, 5, 10
(3.5
× TC) + 5.0
Note 11
ns
62
Maximum delay from write data strobe deassertion to host request deassertion
for “Last Data Register” write5,8,10
(3.0
× TC) + 5
Note 11
ns
63
Minimum delay from DMA HACK (OAD=0) or Read/Write data strobe(OAD=1)
deassertion to HREQ assertion.
(5.0
× TC) + 5.0
Note 11
ns
64
Maximum delay from DMA HACK (OAD=0) or Read/Write data strobe(OAD=1)
assertion to HREQ deassertion
(3.5
× TC) + 5.0
Note 11
ns
Notes:
1.
TC = 1/ DSPCLK. At 300 MHz, TC = 3.3 ns
2.
In the timing diagrams below, the controls pins are drawn as active low. The pin polarity is programmable.
3.
VCC = 3.3 V ± 0.3 V; TJ = –40°C to +100 °C, CL = 50 pF
4.
The read data strobe is HRD/HRD in the dual data strobe mode and HDS/HDS in the single data strobe mode.
5.
In 64-bit mode, The “last data register” is the register at address $7, which is the last location to be read or written in data
transfers. This is RX0/TX0 in the little endian mode (HBE = 0), or RX3/TX3 in the big endian mode (HBE = 1).
6.
This timing is applicable only if a read from the “last data register” is followed by a read from the RXL, RXM, or RXH registers
without first polling RXDF or HREQ bits, or waiting for the assertion of the HREQ/HREQ signal.
7.
This timing is applicable only if two consecutive reads from one of these registers are executed.
8.
The write data strobe is HWR in the dual data strobe mode and HDS in the single data strobe mode.
9.
The data strobe is host read (HRD/HRD) or host write (HWR/HWR) in the dual data strobe mode and host data strobe
(HDS/HDS) in the single data strobe mode.
10. The host request is HREQ/HREQ in the single host request mode and HRRQ/HRRQ and HTRQ/HTRQ in the double host
request mode. HRRQ/HRRQ is deasserted only when HOTX fifo is empty, HTRQ/HTRQ is deasserted only if HORX fifo is full
(treat as level Host Request).
11. Compute the value using the expression.
Table 2-19.
Host Interface (HDI16) Timing1, 2 (Continued)
Number
Characteristics3
Expression
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com