Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8103/D Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MSC8103/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103/D Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MSC8103/D Datasheet HTML 59Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 60Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 61Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 62Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 63Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 64Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 65Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 66Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 104 page
background image
AC Timings
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
2-23
2.6.7
CPM Timings
Table 2-20.
CPM Input Characteristics
No.
Characteristic
Typical
Unit
39
FCC input set-up time before low-to-high clock transition
a. internal clock (BRGxO)
b. external clock (serial clock input)
10
5
ns
ns
17
FCC input hold time after low-to-high clock transition
a. internal clock (BRGxO)
b. external clock (serial clock input)
0
3
ns
ns
18
SCC/SMC/SPI/I2C input set-up time before low-to-high clock transition
a. internal clock (BRGxO)
b. external clock (serial clock input)
20
5
ns
ns
19
SCC/SMC/SPI/I2C input hold time after low-to-high clock transition
a. internal clock (BRGxO)
b. external clock (serial clock input)
0
5
ns
ns
20
TDM input set-up time before low-to-high serial clock transition
5
ns
21
TDM input hold time after low-to-high serial transition
5
ns
22
PIO/TIMER/DMA input set-up time before low-to-high serial clock transition
10
ns
23
PIO/TIMER/DMA input hold time after low-to-high serial clock transition
3
ns
Note:
FCC, SCC, SMC, SPI, I2C are non-multiplexed serial interface signals.
Table 2-21.
CPM Output Characteristics
No.
Characteristic
Min
Max
Unit
41
FCC output delay after low-to-high clock transition
a. internal clock (BRGxO)
b. external clock (serial input clock)
0
2
6
18
ns
ns
38
SCC/SMC/SPI/I2C output delay after low-to-high clock transition
a. internal clock (BRGxO)
b. external clock (serial input clock)
0
0
20
30
ns
ns
40
TDM output delay after low-to-high serial clock transition
5
15
ns
42
PIO/TIMER/DMA output delay after low-to-high serial clock transition
1
14
ns
Note:
FCC, SCC, SMC, SPI, I2C are Non-Multiplexed Serial Interface signals.
Figure 2-18.
FCC Internal Clock Diagram
BRGxO
FCC inputs
FCC outputs
29a
17a
41a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com