Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8103/D Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MSC8103/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103/D Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MSC8103/D Datasheet HTML 1Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 2Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 3Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 104 page
background image
Freescale Semiconductor
Technical Data
MSC8103
Rev. 11, 8/2005
© Freescale Semiconductor, Inc., 2001, 2005. All rights reserved.
MSC8103
Network Digital Signal Processor
The Freescale MSC8103 DSP is a very versatile device that integrates the high-performance SC140 four-ALU
(arithmetic logic unit) DSP core along with 512 KB of internal memory, a communications processor module
(CPM), a 64-bit bus, a very flexible system integration unit (SIU), and a 16-channel DMA engine on a single
device. With its four-ALU core, the MSC8103 can execute up to four multiply-accumulate (MAC) operations in a
single clock cycle. The MSC8103 CPM is a 32-bit RISC-based communications protocol engine that can network
to time-division multiplexed (TDM) highways, Ethernet, and asynchronous transfer mode (ATM) backbones. The
MSC8103 60x-compatible bus interface facilitates its connection to multi-master system architectures. The very
large internal memory, 512 KB, reduces the need for external program and data memories. The MSC8103 offers
1200 DSP MMACS performance using an internal 300 MHz clock with a 1.6 V core and independent 3.3 V
input/output (I/O).
Figure 1. MSC8103 Block Diagram
UTOPIA
Other
Peripherals
MII
TDMs
CPM
PIT
System Protection
Reset Control
Clock Control
SIU
8/16-bit
Host
SC140
Power
Management
Clock/PLL
64-bit XA Data Bus
128-bit P-Bus
64-bit XB Data Bus
Extended Core
Interface
64-bit Local Bus
64-bit System Bus
Core
3
× FCC
4
× SCC
SPI
I2C
2
× MCC
2
× SMC
Interrupt
Timers
Baud Rate
Parallel I/O
Generators
Controller
Dual Ported
RAM
Program
Sequencer
Address
Register
File
Data ALU
Register
File
Address
ALU
Data
ALU
64/32-bit
System
Bus
Interrupts
EOnCE™
JTAG
2
× SDMA
RISC
Interface
DMA
Engine
Bridge
Q2PPC
Bridge
Boot
ROM
SRAM
512 KB
128-bit QBus
MEMC
L1 Interface
HDI16
MEMC
{
PIC
SIC_EXT
SIC
Interrupts
The Freescale MSC8103
16-bit DSP is a member of
the family of DSPs based
on the StarCore SC140
DSP core. The MSC8103
is available in two core
speed levels: 275 and 300
MHz.
What’s New?
Rev. 11 includes the following
changes:
• Features list on page iii
updates package
description.
• Table 2-3 updates junction-
to-case value.
• Section 3.1 adds a note to
include the lead-free
packaging.
Ordering Information on the
back page adds lead-free
part numbers.


Similar Part No. - MSC8103/D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSC81035M STMICROELECTRONICS-MSC81035M Datasheet
60Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
02-Sep-1994
logo
Advanced Semiconductor
MSC81035M ASI-MSC81035M Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
STMicroelectronics
MSC81035MP STMICROELECTRONICS-MSC81035MP Datasheet
57Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
logo
Advanced Semiconductor
MSC81038 ASI-MSC81038 Datasheet
19Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
Freescale Semiconductor...
MSC8103M1100F FREESCALE-MSC8103M1100F Datasheet
1Mb / 104P
Network Digital Signal Processor
More results

Similar Description - MSC8103/D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
MSC8101 MOTOROLA-MSC8101 Datasheet
1Mb / 104P
Network Digital Signal Processor
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
MSC8103 FREESCALE-MSC8103_08 Datasheet
1Mb / 104P
Network Digital Signal Processor
logo
Texas Instruments
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com