Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8103/D Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MSC8103/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103/D Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MSC8103/D Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
1-36
Freescale Semiconductor
Signals/Connections
1.7 JTAG Test Access Port Signals
The MSC8103 supports the standard set of Test Access Port (TAP) signals defined by IEEE 1149.1 Standard Test
Access Port and Boundary-Scan Architecture specification and described in Table 1-11.
1.8 Reserved Signals
Table 1-11.
JTAG Test Access Port Signals
Signal Name
Type
Signal Description
TCK
Input
Test Clock
A test clock signal for synchronizing JTAG test logic.
TDI
Input
Test Data Input
A test data serial signal for test instructions and data. TDI is sampled on the rising edge of TCK and
has an internal pull-up resistor.
TDO
Output
Test Data Output
A test data serial signal for test instructions and data. TDO can be tri-stated. The signal is actively
driven in the shift-IR and shift-DR controller states and changes on the falling edge of TCK.
TMS
Input
Test Mode Select
Sequences the test controller’s state machine, is sampled on the rising edge of TCK, and has an
internal pull-up resistor.
TRST
Input
Test Reset
Asynchronously initializes the test controller, has an internal pull-up resistor, and must be asserted
after power up.
Table 1-12.
Reserved Signals
Signal Name
Type
Signal Description
TEST
Input
Test
Used for manufacturing testing. You must connect this input to GND.
THERM[1–2]
—
Leave disconnected.
SPARE1, 5
—
Spare Pins
Leave disconnected for backward compatibility with future revisions of this device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com