Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8103/D Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MSC8103/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103/D Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MSC8103/D Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
1-14
Freescale Semiconductor
Signals/Connections
PSDA10
PGPL0
Output
Output
Bus SDRAM A10
Output from the bus SDRAM controller. This pin is part of the address when a row address is driven.
It is part of the command when a column address is driven.
Bus UPM General-Purpose Line 0
One of six general-purpose output lines of the UPM. The values and timing of this pin are
programmed in the UPM.
PSDWE
PGPL1
Output
Output
Bus SDRAM Write Enable
Output from the bus SDRAM controller. This pin should connect to the SDRAM WE input signal.
Bus UPM General-Purpose Line 1
One of six general-purpose output lines from the UPM. The values and timing of this pin are
programmed in the UPM.
POE
PSDRAS
PGPL2
Output
Output
Output
Bus Output Enable
Output of the bus GPCM. Controls the output buffer of memory devices during read operations.
Bus SDRAM RAS
Output from the bus SDRAM controller. This pin should connect to the SDRAM Row Address Strobe
(RAS) input signal.
Bus UPM General-Purpose Line 2
One of six general-purpose output lines from the UPM. The values and timing of this pin are
programmed in the UPM.
PSDCAS
PGPL3
Output
Output
Bus SDRAM CAS
Output from the bus SDRAM controller. This pin should connect to the SDRAM Column Address
Strobe (CAS) input signal.
Bus UPM General-Purpose Line 3
One of six general-purpose output lines from the UPM. The values and timing of this pin are
programmed in the UPM.
PGTA
PUPMWAIT
PPBS
PGPL4
Input
Input
Output
Output
GPCM TA
Terminates transactions during GPCM operation. Requires an external pull up resistor for proper
operation.
Bus UPM Wait
Input to the UPM. An external device can hold this pin high to force the UPM to wait until the device
is ready for the operation to continue.
Bus Parity Byte Select
In systems that store data parity in a separate chip, this output is the byte-select for that chip.
Bus UPM General-Purpose Line 4
One of six general-purpose output lines from the UPM. The values and timing of this pin are
programmed in the UPM.
PSDAMUX
PGPL5
Output
Output
Bus SDRAM Address Multiplexer
Controls the SDRAM address multiplexer when the MSC8103 is in External Master mode.
Bus UPM General-Purpose Line 5
One of six general-purpose output lines from the UPM. The values and timing of this pin are
programmed in the UPM.
Table 1-6.
Memory Controller Signals (Continued)
Signal
Data Flow
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com