Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8103/D Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MSC8103/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103/D Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MSC8103/D Datasheet HTML 54Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 55Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 56Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 57Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 58Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 59Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 60Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 61Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
2-18
Freescale Semiconductor
Physical and Electrical Specifications
2.6.5.2 DMA Data Transfers
Table 2-18 describes the DMA signal timing.
The DREQ
signal is synchronized with the falling edge of DLLIN. DONE timing is relative to the rising edge of DLLIN.
To achieve fast response, a synchronized peripheral should assert DREQ according to the timings in Table 2-18.
Figure 2-11 shows synchronous peripheral interaction.
2.6.6
HDI16 Signals
Table 2-18.
DMA Signals
Number
Characteristic
Minimum
Maximum
Units
72
DREQ set-up time before DLLIN falling edge
6
—
ns
73
DREQ hold time after DLLIN falling edge
0.5
—
ns
74
DONE set-up time before DLLIN rising edge
9
—
ns
75
DONE hold time after DLLIN rising edge
0.5
—
ns
76
DACK/DRACK/DONE delay after DLLIN rising edge
0.5
9
ns
Figure 2-11.
DMA Signals
Table 2-19.
Host Interface (HDI16) Timing1, 2
Number
Characteristics3
Expression
Value
Unit
44a
Read data strobe minimum assertion width4
HACK read minimum assertion width
(1.5
× TC) + 5.0
Note 11
ns
44b
Read data strobe minimum deassertion width4
HACK read minimum deassertion width
TC + 5.0
Note 11
ns
44c
Read data strobe minimum deassertion width4 after “Last Data Register”
reads5,6, or between two consecutive CVR, ICR, or ISR reads7
HACK minimum deassertion width after “Last Data Register” reads5,6
(2.5
× TC) + 5.0
Note 11
ns
45
Write data strobe minimum assertion width8
HACK write minimum assertion width
(1.5
× TC) + 5.0
Note 11
ns
46
Write data strobe minimum deassertion width8
HACK write minimum deassertion width after ICR, CVR and Data Register
writes5
(2.5
× TC) + 5.0
Note 11
ns
47
Host data input minimum set-up time before write data strobe deassertion8
Host data input minimum set-up time before HACK write deassertion
—
5.0
ns
DLLIN
DREQ
DONE Input
DACK/DONE/DRACK Outputs
73
72
74
75
76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com