Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8103/D Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MSC8103/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103/D Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MSC8103/D Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 9Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 10Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 11Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 12Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
1-8
Freescale Semiconductor
Signals/Connections
BR
Input/Output
Output
Input
Bus Request2
An output when an external arbiter is used. The MSC8103 asserts this pin to request ownership of
the bus.
An input when an internal arbiter is used. An external master should assert this pin to request bus
ownership from the internal arbiter.
BG
Input/Output
Output
Input
Bus Grant2
An output when an internal arbiter is used. The MSC8103 asserts this pin to grant bus ownership to
an external bus master.
An input when an external arbiter is used. The external arbiter should assert this pin to grant bus
ownership to the MSC8103.
ABB
IRQ2
Input/Output
Output
Input
Input
Address Bus Busy1
The MSC8103 asserts this pin for the duration of the address bus tenure. Following an address
acknowledge (AACK) signal, which terminates the address bus tenure, the MSC8103 deasserts
ABB for a fraction of a bus cycle and then stops driving this pin.
The MSC8103 does not assume bus ownership while it this pin is asserted by an external bus
master.
Interrupt Request 21
One of the eight external lines that can request a service routine, via the internal interrupt controller,
from the SC140 core.
TS
Input/Output
Bus Transfer Start
Signals the beginning of a new address bus tenure. The MSC8103 asserts this signal when one of
its internal bus masters (SC140 core or DMA controller) begins an address tenure. When the
MSC8103 senses this pin being asserted by an external bus master, it responds to the address bus
tenure as required (snoop if enabled, access internal MSC8103 resources, memory controller
support).
AACK
Input/Output
Address Acknowledge
A bus slave asserts this signal to indicate that it identified the address tenure. Assertion of this signal
terminates the address tenure.
ARTRY
Input
Address Retry
Assertion of this signal indicates that the bus transaction should be retried by the bus master. The
MSC8103 asserts this signal to enforce data coherency with its internal cache and to prevent
deadlock situations.
DBG
Input/Output
Output
Input
Data Bus Grant2
An output when an internal arbiter is used. The MSC8103 asserts this pin as an output to grant data
bus ownership to an external bus master.
An input when an external arbiter is used. The external arbiter should assert this pin as an input to
grant data bus ownership to the MSC8103.
DBB
IRQ3
Input/Output
Output
Input
Input
Data Bus Busy1
The MSC8103 asserts this pin as an output for the duration of the data bus tenure. Following a TA,
which terminates the data bus tenure, the MSC8103 deasserts DBB for a fraction of a bus cycle and
then stops driving this pin.
The MSC8103 does not assume data bus ownership while DBB is asserted by an external bus
master.
Interrupt Request 31
One of the eight external lines that can request a service routine, via the internal interrupt controller,
from the SC140 core.
D[0–31]
Input/Output
Data Bus Most Significant Word
In write transactions the bus master drives the valid data on this bus. In read transactions the slave
drives the valid data on this bus. In Host Port Disabled mode, these 32 bits are part of the 64-bit data
bus. In Host Port Enabled mode, these bits are used as the bus in 32-bit mode.
Table 1-5.
System Bus, HDI16, and Interrupt Signals (Continued)
Signal
Data Flow
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com