Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8103/D Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MSC8103/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103/D Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MSC8103/D Datasheet HTML 61Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 62Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 63Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 64Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 65Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 66Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 67Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 68Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 104 page
background image
AC Timings
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
2-25
Note:
The timing values refer to minimum system timing requirements. Actual implementation requires
conformance to the specific protocol requirements. Refer to Chapter 1 to identify the specific input and
output signals associated with the referenced internal controllers and supported communication protocols.
For example, FCC1 supports ATM/Utopia operation in slave mode, multi-PHY master direct polling
mode, and multi-PHY master multiplexed polling mode and each of these modes supports its own set of
signals; the direction (input or output) of some of the shared signal names depends on the selected mode.
2.6.8
JTAG Signals
Figure 2-23.
PIO, Timer, and DMA Signal Diagram
Table 2-22.
JTAG Timing
No.
Characteristics
All frequencies
Unit
Min
Max
500
TCK frequency of operation
0.0
40.0
MHz
501
TCK cycle time
25.0
ns
502
TCK clock pulse width measured at 1.6 V
12.5
ns
503
TCK rise and fall times
0.0
3.0
ns
508
TMS, TDI data set-up time
6.0
ns
509
TMS, TDI data hold time
3.0
ns
510
TCK low to TDO data valid
0.0
15.0
ns
511
TCK low to TDO high impedance
0.0
20.0
ns
512
TRST assert time
100.0
ns
513
TRST set-up time to TCK low
40.0
ns
Figure 2-24.
Test Clock Input Timing Diagram
DLLIN
PIO/TIMER/DMA inputs
PIO/TIMER/DMA outputs
22
23
42
TCK
(Input)
VM
VM
VIH
VIL
501
502
502
503
503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com