Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8103/D Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MSC8103/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103/D Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MSC8103/D Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 48Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 49Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 50Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 104 page
background image
AC Timings
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
2-7
2.6 AC Timings
The following sections include illustrations and tables of clock diagrams, signals, and parallel I/O outputs and
inputs. AC timings are based on a 50 pF load, except where noted otherwise, and 50
Ω transmission line.
2.6.1
Output Buffer Impedances
2.6.2
Start-Up Timing
Starting the device requires coordination among several input sequences including clocking, reset, and power.
Section 2.6.3 describes the clocking characteristics. Section 2.6.4 describes the reset and power-up characteristics.
You must use the following guidelines when starting up an MSC8103 device:
PORESET
and TRST must be asserted externally for the duration of the power-up sequence. See Table 2-14
for timing.
If possible, bring up the VDD and VDDH levels together. For designs with separate power supplies, bring up
the VDDH levels and then the VDD levels (see Figure 2-5 and Figure 2-6).
CLKIN
can start toggling after VDDH reaches its nominal level, but it must toggle before VDD reaches 0.5 V to
guarantee correct device operation (see Figure 2-4 and Figure 2-6).
The following figures show acceptable start-up sequence examples. Figure 2-4 shows a sequence in which VDD and
VDDH are raised together. Figure 2-5 shows a sequence in which CLKIN starts toggling after VDDH reaches its
nominal level and before VDD is applied. Figure 2-6 shows a sequence in which VDD is raised after VDDH and CLKIN
begins to toggle shortly before VDD reaches the 0.5 V level.
Table 2-9.
Output Buffer Impedances
Output Buffers
Typical Impedance (
Ω)
System Bus
35
Memory Controller
35
Parallel I/O
55
Note:
These are typical values at 65°C. The impedance may vary by ±25% depending on device process and operating temperature.
Figure 2-4.
Start-Up Sequence with VDD and VDDH Raised Together
Time
o.5 V
3.3 V
1.6 V
VDDH Nominal Level
PORESET/TRST Asserted
VDD Nominal Level
CLKIN Starts Toggling
VDD/VDDH Applied
PORESET/TRST Deasserted
1
2.2 V
VDDH = Nominal Value
VDD = Nominal Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com