Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8103/D Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MSC8103/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103/D Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MSC8103/D Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 48Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 49Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
2-6
Freescale Semiconductor
Physical and Electrical Specifications
Table 2-8.
SCMR Field Descriptions
Name
Bit No.
Defaults
Description
Settings
PORESET
Hard Reset
COREPDF
0–3
Configuration
Pins
Unaffected
Core PLL Pre-Division Factor
0000
CPLL PDF = 1
0001
CPLL PDF = 2
0010
CPLL PDF = 3
0011
CPLL PDF = 4
All other combinations not used.
COREMF
4–7
Configuration
Pins
Unaffected
Core Multiplication Factor
0101
CPLL MF = 10
0110
CPLL MF = 12
0111
CPLL MF = 14
All other combinations not used.
BUSDF
8–11
Configuration
Pins
Unaffected
60x-compatible Bus Division Factor
0001
Bus DF = 2
0010
Bus DF = 3
0011
Bus DF = 4
0100
Bus DF = 5
0101
Bus DF = 6
All other combinations not used.
CPMDF
12–15
Configuration
Pins
Unaffected
CPM Division Factor
0000
CPM DF = 1
0001
CPM DF = 2
0010
CPM DF = 3
All other combinations not used.
SPLLPDF
16–19
Configuration
Pins
Unaffected
SPLL Pre-Division Factor
0000
SPLL PDF = 1
0001
SPLL PDF = 2
0010
SPLL PDF = 3
0011
SPLL PDF = 4
0100
SPLL PDF = 5
0101
SPLL PDF = 6
All other combinations not used
SPLLMF
20–23
Configuration
Pins
Unaffected
SPLL Multiplication Factor
0101
SPLL MF = 10
0110
SPLL MF = 12
0111
SPLL MF = 14
1000
SPLL MF = 16
1001
SPLL MF = 18
1010
SPLL MF = 20
1011
SPLL MF = 22
1100
SPLL MF = 24
1101
SPLL MF = 26
1110
SPLL MF = 28
1111
SPLL MF = 30
All other combinations not used
24
——
Reserved
DLLDIS
25
Configuration
Pins
Unaffected
DLL Disable
0
DLL operation is enabled
1
DLL is disabled
26–27
——
Reserved
COREDF
28–31
Configuration
Pins
Unaffected
Core Division Factor
0000
CORE DF = 1
0001
CORE DF = 2
0010
CORE DF = 3
0011
CORE DF = 4
0100
CORE DF = 5
0101
CORE DF = 6
All other combinations not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com