Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8103/D Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MSC8103/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103/D Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MSC8103/D Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
1-34
Freescale Semiconductor
Signals/Connections
PD19
FCC1: TXADDR4
UTOPIA master
FCC1: TXADDR4
UTOPIA slave
FCC1: TXCLAV3
UTOPIA multi-PHY master, direct
polling
BRG1O
SPI: SPISEL
Output
Input
Input
Output
Input
FCC1: Multi-PHY Master Transmit Address Bit 4 Multiplexed Polling
This is master transmit address bit 4.
FCC1: UTOPIA Slave Transmit Address Bit 4
This is slave transmit address bit 4.
FCC1: UTOPIA Multi-PHY master Transmit Cell Available 3 Direct
Polling
Asserted by an external UTOPIA slave PHY to indicate that it can accept
one complete ATM cell.
Baud Rate Generator 1 Output
The CPM supports up to 8 BRGs for use internally by the bank-of-clocks
selection logic and/or to provide an output to one of the 8 BRG pins.
BRG1O can be the internal input to the SIU timers. When CLK5 is
selected (see PC27 above), it is the source for BRG1O which is the
default input for the SIU timers. See the system interface unit (SIU)
chapter in the
MSC8103 Reference Manual for additional information. If
CLK5 is not enabled, BRG1O uses an internal input. If TMCLK is
enabled (see PC26 above), the BRG1O input to the SIU timers is
disabled.
SPI: Select
The SPI interface comprises four signals: master out slave in
(SPIMOSI), master in slave out (SPIMISO), clock (SPICLK) and select
(SPISEL). The SPI can be configured as a slave or master in single- or
multiple-master environments. SPISEL is the enable input to the SPI
slave. In a multimaster environment, SPISEL (always an input) detects
an error when more than one master is operating. SPI masters must
output a slave select signal to enable SPI slave devices by using a
separate general-purpose I/O signal. Assertion of an SPI SPISEL while
it is master causes an error.
PD18
FCC1: RXADDR4
UTOPIA master
FCC1: RXADDR4
UTOPIA slave
FCC1: RXCLAV3
UTOPIA multi-PHY master, direct
polling
SPI: SPICLK
Output
Input
Input
Input/ Output
FCC1: UTOPIA Master Receive Address Bit 4
This is master receive address bit 4.
FCC1: UTOPIA Slave Receive Address Bit 4
This is slave receive address bit 4.
FCC1: UTOPIA Multi-PHY Master Receive Cell Available 3 Direct
Polling
Asserted by an external PHY when one complete ATM cell is available
for transfer.
SPI: Clock
The SPI interface comprises four signals: master out slave in
(SPIMOSI), master in slave out (SPIMISO), clock (SPICLK) and select
(SPISEL). The SPI can be configured as a slave or master in single- or
multiple-master environments. SPICLK is a gated clock, active only
during data transfers. Four combinations of SPICLK phase and polarity
can be configured. When the SPI is a master, SPICLK is the clock
output signal that shifts received data in from SPIMISO and transmitted
data out to SPIMOSI.
Table 1-10.
Port D Signals (Continued)
Name
Dedicated
I/O Data
Direction
Description
General-
Purpose I/O
Peripheral Controller:
Dedicated I/O
Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com