Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39432 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M39432
Description  Single Chip 4 Mbit Flash Memory and 256 Kbit Parallel EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39432 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M39432 Datasheet HTML 3Page - STMicroelectronics M39432 Datasheet HTML 4Page - STMicroelectronics M39432 Datasheet HTML 5Page - STMicroelectronics M39432 Datasheet HTML 6Page - STMicroelectronics M39432 Datasheet HTML 7Page - STMicroelectronics M39432 Datasheet HTML 8Page - STMicroelectronics M39432 Datasheet HTML 9Page - STMicroelectronics M39432 Datasheet HTML 10Page - STMicroelectronics M39432 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7/28
M39432
Automatic Stand-by
If CMOS levels (VCC±0.2V) are used to drive the
bus, and the bus is inactive for more than 150 ns,
the memory enters the Automatic Stand-by state.
The internal supply current is reduced to the
Stand-by Supply Current, ICC3.
Deep Power Down
The ICC consumption mode can be reduced to a
minimum using the Deep Power Down instruction
(as shown in Table 4). The device is set in a sleep
mode until the next Reset instruction is executed.
EEPROM Power Down
The M39432 can power-down the EEPROM block
using the specific instruction shown in Table 4.
Once in this state, the EEPROM block is no longer
accessible, until a Return instruction is executed.
READ
Read operations and instructions can be used:
– to read the contents of the memory array (Flash
memory block or EEPROM block)
– to read the memory array status and identifiers
(Flash memory block or EEPROM block).
Read Data (from Flash Memory or EEPROM)
For a Read operation, the Output Enable (G) and
one Chip Enable (EF or EE) must be driven low.
Read the Manufacturer Identifier
There are two alternative methods for reading the
Manufacturer Identifier: using a Read operation or
using a Read instruction.
Read Operation. The Manufacturer Identifier can
be read with a Read operation by applying VID (as
specified in Table 11) on A9, and the logic levels
specified in Table 5 applied to A0, A1, A6.
Read Instruction. The Manufacturer Identifier can
also be read using an instruction composed of four
operations: three specific Write operations (as
specified in Table 4) and a Read operation. This
either accesses the Manufacturer Identifier, the
Flash
Block
Identifier
or
the
Flash
Sector
Protection Status, depending on the levels that are
being applied to A0, A1, A6, A16, A17 and A18.
Read the Flash Block Identifier
Similarly, there are two alternative methods for
reading the Flash Block Identifier (E3h): using a
Read operation or using a Read instruction.
Please see the previous section, entitled “Read
the Manufacturer Identifier”, and Table 5 and
Table 4 for details.
Read the EEPROM Block Identifier
The EEPROM Block Identifier (64 bytes, user de-
fined) can be read with a single Read operation by
holding A6 low and A9 at VID (see Table 5).
Read the OTP Row
The OTP row is mapped in the EEPROM block.
With EE held low, and EF held high, an EEPROM
Read instruction is composed, as specified in
Table 6. Status Bits
Note: 1. X = Not a guaranteed value, can be read either as ‘1’ or ‘0’.
EF
EE
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
Flash
VIL
VIH
Data
Polling
Toggle
Flag
Error
Flag
X
Erase
Time-
Out
XX
X
EEPROM
VIH
VIL
Data
Polling
Toggle
Flag
XX
XX
XX
Figure 4. Data Polling Flowchart
READ DQ5 & DQ7
at VALID ADDRESS
START
READ DQ7
FAIL
PASS
AI01369B
DQ7
=
DATA
YES
NO
YES
NO
DQ5
= 1
DQ7
=
DATA
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com