Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39432 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M39432
Description  Single Chip 4 Mbit Flash Memory and 256 Kbit Parallel EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39432 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M39432 Datasheet HTML 11Page - STMicroelectronics M39432 Datasheet HTML 12Page - STMicroelectronics M39432 Datasheet HTML 13Page - STMicroelectronics M39432 Datasheet HTML 14Page - STMicroelectronics M39432 Datasheet HTML 15Page - STMicroelectronics M39432 Datasheet HTML 16Page - STMicroelectronics M39432 Datasheet HTML 17Page - STMicroelectronics M39432 Datasheet HTML 18Page - STMicroelectronics M39432 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15/28
M39432
Table 11. DC Characteristics
(TA = –40 to 85 °C; VCC = 2.7 V to 3.6 V)
Note: 1. When reading the Flash block and an EEPROM write cycle is already underway, the supply current is ICC1 + ICC5.
2. Averaged (over time) typical value.
Symbol
Parameter
Test Condition
Min.
Mean2
(Typ.)
Max.
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
µA
ICC1
1
Supply Current (Read Flash) TTL
(EE,EF,G) = (VIH,VIL,VIH),
f = 6 MHz
315
mA
ICC2
Supply Current (Read EEPROM)
TTL
(EE,EF,G) = (VIL,VIH,VIH),
f = 6 MHz
315
mA
ICC3
Supply Current (Stand-by) CMOS
EF = EE = VCC ± 0.2 V
60
µA
ICC4
Supply Current (Flash block
Program or Erase)
Byte program, Sector or
Chip Erase in progress
320
mA
ICC5
Supply Current (EEPROM Write)
During tWC
320
mA
ICC6
Supply Current in Deep Power
Down Mode
After a Deep Power Down
instruction (see Table 4)
0.2
6
µA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
2
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 1.8 mA
0.45
V
VOH
Output High Voltage
IOH = –100 µAVCC – 0.4
V
VID
A9 High Voltage
11.5
12.5
V
IID
VID Current
A9 = VID
50
µA
VLKO
VCC minimum for Write, Erase and
Program
1.9
2.2
V
Figure 10. AC Testing Input Output Waveforms
AI01950
1.5V
2.4V
0.45V
Figure 11. Output AC Testing Load Circuit
AI01951C
VCC
CL = 30pF
CL includes JIG capacitance
VOUT = 1.5V when the Device
Under Test is in the
Hi-Z output state.
1N914
Device
Under
Test
1N914
IOL
IOH
Table 12. AC Measurement Conditions
Input Rise and Fall Times
≤ 10 ns
Input Pulse Voltages
0.45 V to 2.4 V
Input Timing Reference Voltages
0.8 V and 2 V
Output Timing Reference Voltages
1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com