Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39432 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M39432
Description  Single Chip 4 Mbit Flash Memory and 256 Kbit Parallel EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39432 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M39432 Datasheet HTML 12Page - STMicroelectronics M39432 Datasheet HTML 13Page - STMicroelectronics M39432 Datasheet HTML 14Page - STMicroelectronics M39432 Datasheet HTML 15Page - STMicroelectronics M39432 Datasheet HTML 16Page - STMicroelectronics M39432 Datasheet HTML 17Page - STMicroelectronics M39432 Datasheet HTML 18Page - STMicroelectronics M39432 Datasheet HTML 19Page - STMicroelectronics M39432 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
M39432
16/28
Table 13. Read Mode AC Characteristics
(TA = –40 to 85 °C; VCC = 2.7 V to 3.6 V)
Note: 1. Sampled only, not 100% tested.
2. G may be delayed by up to tELQV - tGLQV after the falling edge of EE (or EF) without increasing tELQV.
Table 14. Input and Output Parameters1 (TA = 25 °C, f = 1 MHz)
Note: 1. Sampled only, not 100% tested.
Symbol
Alt.
Parameter
Test Condition
M39432
Unit
-100
-120
-150
Min
Max
Min
Max
Min
Max
tAVAV
tRC
Address Valid to
Next Address Valid
(EE,EF,G) =
(VIL,VIH,VIL)
or (EE,EF,G) =
(VIH,VIL,VIL)
100
120
150
ns
tAVQV
tACC
Access Time: Address Valid
to Output Valid
(EE,EF,G) =
(VIL,VIH,VIL)
or (EE,EF,G) =
(VIH,VIL,VIL)
100
120
150
ns
tELQX
1
tLZ
Chip Enable Low to
Output Transition
G = VIL
000
ns
tELQV
2
tCE
Access Time: Chip Enable
Low to Output Valid
G = VIL
100
120
150
ns
tGLQX
1
tOLZ
Output Enable Low to
Output Transition
(EE,EF) = (VIL,VIH)
or
(EE,EF) = (VIH,VIL)
000
ns
tGLQV
2
tOE
Output Enable Low to
Output Valid
(EE,EF) = (VIL,VIH)
or
(EE,EF) = (VIH,VIL)
40
55
55
ns
tEHQX
tOH
Chip Enable High to
Output Transition
G = VIL
000
ns
tEHQZ
1
tHZ
Chip Enable High to
Output Hi-Z
G = VIL
30
40
40
ns
tGHQX
tOH
Output Enable High to
Output Transition
(EE,EF) = (VIL,VIH)
or
(EE,EF) = (VIH,VIL)
000
ns
tGHQZ
1
tDF
Output Enable High to
Output Hi-Z
(EE,EF) = (VIL,VIH)
or
(EE,EF) = (VIH,VIL)
30
40
40
ns
tAXQX
tOH
Address Transition to Output
Transition
(EE,EF,G) =
(VIL,VIH,VIL)
or (EE,EF,G) =
(VIH,VIL,VIL)
000
ns
tEHFL
tCED
EE Active to EF Active
or EF Active to EE Active
100
100
100
ns
Symbol
Parameter
Test Condition
Min.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6pF
COUT
Output Capacitance
VOUT = 0V
12
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com