Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39432 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M39432
Description  Single Chip 4 Mbit Flash Memory and 256 Kbit Parallel EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39432 Datasheet(HTML) 1 Page - STMicroelectronics

  M39432 Datasheet HTML 1Page - STMicroelectronics M39432 Datasheet HTML 2Page - STMicroelectronics M39432 Datasheet HTML 3Page - STMicroelectronics M39432 Datasheet HTML 4Page - STMicroelectronics M39432 Datasheet HTML 5Page - STMicroelectronics M39432 Datasheet HTML 6Page - STMicroelectronics M39432 Datasheet HTML 7Page - STMicroelectronics M39432 Datasheet HTML 8Page - STMicroelectronics M39432 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1/28
November 1999
M39432
Single Chip 4 Mbit Flash Memory and
256 Kbit Parallel EEPROM
s
Multiple Memories on a Single Chip:
– 4 Mbit Flash Memory (organised as 8 sectors)
– 256 Kbit EEPROM
– 64 Byte One Time Programmable Memory
s
CONCURRENT Mode (Read Flash while
writing to EEPROM)
s
WRITE, PROGRAM and ERASE Status Bits
s
2.7V to 3.6V Single Supply Voltage for
PROGRAM, ERASE and READ Operations
s
100 ns Access Time (Flash and EEPROM
blocks)
s
Low Power Consumption
–60
µA Stand-by mode (maximum)
– Deep Power Down mode:
6
µA (maximum), 200 nA (typical)
s
Standard Flash Memory Package
s
100,000 Erase/Write Cycles (minimum)
s
10 Year Data Retention (minimum)
DESCRIPTION
The M39432 is a single supply voltage memory
device combining Flash memory and EEPROM on
a single chip. The memory is mapped in two
Figure 1. Logic Diagram
AI01946
19
A0-A18
EE
DQ0-DQ7
VCC
M39432
G
EF
VSS
8
W
R/B
Table 1. Signal Names
A0-A18
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
EE
EEPROM Block Enable
EF
Flash Block Enable
G
Output Enable
W
Write Enable
R/B
Ready/Busy Output
VCC
Supply Voltage
VSS
Ground
TSOP40 (NC)
10 x 20 mm


Similar Part No. - M39432

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
M390 ADVANCEDENERGY-M390 Datasheet
526Kb / 5P
MIKRON M390
logo
Vaishali Semiconductor
M39003 VAISH-M39003 Datasheet
488Kb / 18P
Solid-Electrolyte TANTALEX짰 Capacitors, Military MIL-C-39003 Qualified, Syles CSR13, 21, 23, 33
logo
Kemet Corporation
M39003 KEMET-M39003 Datasheet
79Kb / 1P
Capacitor, Tantalum, 10 uF, /-10% Tol, 6V@85C
logo
Vishay Siliconix
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
Solid-Electrolyte TANTALEX™ Capacitors, Military MIL-PRF-39003/09 Qualified, Style CSR21
05-Aug-2020
M39003-01-2254 VISHAY-M39003-01-2254 Datasheet
113Kb / 12P
Solid-Electrolyte TANTALEX Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
21-Mar-13
More results

Similar Description - M39432

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M14256 STMICROELECTRONICS-M14256 Datasheet
111Kb / 12P
Memory Card IC 256/128 Kbit Serial I²C Bus EEPROM
Oct-1999
M39208 STMICROELECTRONICS-M39208 Datasheet
218Kb / 30P
Single Chip 2 Mbit Flash and 64 Kbit Parallel EEPROM Memory
Feb-1999
M39832 STMICROELECTRONICS-M39832 Datasheet
253Kb / 36P
Single Chip 8 Mbit 1Mb x8 or 512Kb x16 Flash and 256 Kbit Parallel EEPROM Memory
Feb-1999
logo
Silicon Storage Technol...
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST31LF041 SST-SST31LF041 Datasheet
310Kb / 26P
4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory
logo
STMicroelectronics
M28C256 STMICROELECTRONICS-M28C256 Datasheet
132Kb / 21P
256 Kbit (32Kb x8) Parallel EEPROM with Software Data Protection
Jan-1999
PSD835G2 STMICROELECTRONICS-PSD835G2_04 Datasheet
1Mb / 102P
Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
11-Sep-2002
PSD835G2V STMICROELECTRONICS-PSD835G2V_07 Datasheet
983Kb / 118P
Flash PSD, 3 V supply, for 8-bit MCUs 4 Mbit 256 Kbit dual Flash memories and 64 Kbit SRAM
24-Apr-2007
M24512-W STMICROELECTRONICS-M24512-W_08 Datasheet
321Kb / 35P
512 Kbit and 256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
22-Apr-2008
logo
Integrated Silicon Solu...
IS25WD020 ISSI-IS25WD020 Datasheet
764Kb / 35P
2 Mbit / 4 Mbit Single Operating Voltage Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com