Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39432 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M39432
Description  Single Chip 4 Mbit Flash Memory and 256 Kbit Parallel EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39432 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M39432 Datasheet HTML 15Page - STMicroelectronics M39432 Datasheet HTML 16Page - STMicroelectronics M39432 Datasheet HTML 17Page - STMicroelectronics M39432 Datasheet HTML 18Page - STMicroelectronics M39432 Datasheet HTML 19Page - STMicroelectronics M39432 Datasheet HTML 20Page - STMicroelectronics M39432 Datasheet HTML 21Page - STMicroelectronics M39432 Datasheet HTML 22Page - STMicroelectronics M39432 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19/28
M39432
Figure 14. Write Mode AC Waveforms (EE or EF controlled)
Note: 1. E signifies EF when EE = VIH, and it signifies EE when EF = VIH.
2. Addresses are latched on the falling edge of E, Data are latched on the rising edge of E.
E
(1)
AI01954
G
W
A0-A18
DQ0-DQ7
VALID
VALID
VCC
tVCHWL
tEHWH
tEHEL
tWLEL
tAVEL
tEHGL
tELAX
tEHDX
WRITE CYCLE
tDVEH
tELEH
tGHEL
DQ0-DQ7
RB
tWHRL
unprotected. Following the protection of a new
sector, the status is found on DQ0 as shown by the
sequence in Figure 8. Following the unprotection
of all sectors, the status is found on DQ0-DQ7 as
shown by the sequence in Figure 9.
These
two
Verify
Sector
Protection
Status
operations are implemented like Read operations,
but provide a more severe test of the correct
functioning of the device than does a Read Sector
Protection instruction (as shown in Table 4).
Reset Instruction
Reset is an instruction involving either one write
operation or three write operations (as shown in
Table 4).
The Reset instruction returns the memory to its
Read mode, and resets any errors in the Status
Register. If the Reset instruction is issued during a
Sector Erase cycle, or during a Programming
cycle, then the internal logic will take up to 10
µs to
abort. During the abort period, no valid data can be
read from the memory. Issuing a Reset command
during a sector Erase cycle will leave invalid data
in the memory.
GLOSSARY
Block: Flash memory block (4 Mbit) or EEPROM
block (256 Kbit)
Bulk: the whole Flash memory block (4 Mbit)
Sector: 64 KByte of Flash memory
Page: 64 Bytes of EEPROM
Program and Write: Programming (in the Flash
memory block) and Writing (to the EEPROM
block) and are not the same:
s
Flash memory bytes are programmed using the
Program instruction (as shown in Table 4). This
is used to change any bit values from ‘1’s to ‘0’s,
where appropriate. As it is impossible to
program bits from ‘0’s to ‘1’s, it is necessary to
run a Sector Erase instruction before any byte
overwriting can be performed.
s
EEPROM bytes are written using a simple
operation (Table 3).
SDP: Software Data Protection. This is used for
protecting the EEPROM block against inadvertent
Write
operations
(for
example,
in
noisy
environments).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com