Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39432 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M39432
Description  Single Chip 4 Mbit Flash Memory and 256 Kbit Parallel EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39432 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M39432 Datasheet HTML 10Page - STMicroelectronics M39432 Datasheet HTML 11Page - STMicroelectronics M39432 Datasheet HTML 12Page - STMicroelectronics M39432 Datasheet HTML 13Page - STMicroelectronics M39432 Datasheet HTML 14Page - STMicroelectronics M39432 Datasheet HTML 15Page - STMicroelectronics M39432 Datasheet HTML 16Page - STMicroelectronics M39432 Datasheet HTML 17Page - STMicroelectronics M39432 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
M39432
14/28
Figure 9. Sector Unprotecting Flowchart
Note: 1. The Verify Sector Status operation is specified in Table 10.
2. A6 is kept at VIH during unprotection algorithm in order to secure best unprotection verification. During all other protection status
reads, A6 must be kept at VIL.
AI01949C
A18, A17, A16 = VIH
A12, A9, A6, G = VIH
DQ0-7
EF, G, A9 = VID
Wait 4µs
W = VIH
EF, G = VIH
Verify Sector
Protection Status1,2
Wait 10ms
Wait 4µs
=
00h
Previous Sector
(Decrement A18, A17, A16)
n = 0
Wait 4µs
W = VIL
++n
= 1000
START
FAIL
YES
YES
NO
PASS
NO
Last
Sector
YES
NO
EE = EF = VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com