Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39432 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M39432
Description  Single Chip 4 Mbit Flash Memory and 256 Kbit Parallel EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39432 Datasheet(HTML) 2 Page - STMicroelectronics

  M39432 Datasheet HTML 1Page - STMicroelectronics M39432 Datasheet HTML 2Page - STMicroelectronics M39432 Datasheet HTML 3Page - STMicroelectronics M39432 Datasheet HTML 4Page - STMicroelectronics M39432 Datasheet HTML 5Page - STMicroelectronics M39432 Datasheet HTML 6Page - STMicroelectronics M39432 Datasheet HTML 7Page - STMicroelectronics M39432 Datasheet HTML 8Page - STMicroelectronics M39432 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
M39432
2/28
blocks: 4 Mbit of Flash memory and 256 Kbit of
EEPROM. Each block operates independently
during a Write cycle: in concurrent mode, the
Flash Memory can be read while the EEPROM is
being written.
There is also a 64 byte row of OTP (one time
programmable) EPROM.
The M39432 EEPROM block may be written
bytewise or by a page at a time (up to 64 bytes).
The integrity of the data can be secured with the
help of the Software Data Protection (SDP).
The M39432 Flash Memory block offers 8 sectors,
each one 64 KByte in size. Each sector may be
erased individually, and programmed a byte at a
time. Each sector can be separately protected and
unprotected against Program and Erase. Sector
erasure may be suspended, while data is read
from other sectors of the Flash memory block (or
from the EEPROM block), and then resumed. The
Flash memory block is functionally compatible with
the M29W040 (4 Mbit Single Voltage Flash
Memory).
During a Program or Erase cycle in the Flash
memory or during a Write cycle in the EEPROM,
the status of the M39432 internal logic can be read
on the Data Output pins DQ7, DQ6, DQ5 and
DQ3.
SIGNAL DESCRIPTION
Address Inputs (A0-A18)
The address inputs for the memory array are
latched during a write operation. The EEPROM
block is selected by the EE input, and the Flash
memory block the EF input. A0-A14 access
locations in the EEPROM block; A0-A18 access
locations in the Flash memory block.
When VID (as specified in Table 11) is applied on
the A9 address input, additional device-specific
information can be accessed:
– Read the Manufacturer identifier
– Read the Flash block identifier
– Read/Write the EEPROM block identifier
– Verify the Flash Sector Protection Status.
Figure 2. TSOP Connections
Note: 1. NC = Not Connected.
A3
A0
DQ0
A7
NC
R/B
A4
NC
A13
EE
A11
NC
DQ7
A14
NC
VSS
G
DQ5
DQ1
DQ2
DQ3
DQ4
DQ6
A17
W
A16
A12
A18
VCC
A15
AI01947
M39432
10
1
11
20
21
30
31
40
NC
A9
A10
A8
EF
A6
A1
A5
A2
NC
Table 2. Absolute Maximum Ratings
Note: 1. Stresses above those listed may cause permanent damage to the device. These are stress ratings only and operation of the device
at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to
Absolute Maximum Rating conditions for extended periods may affect device reliability. Please see the STMicroelectronics SURE
Program and other relevant quality documents.
2. Minimum voltage may undershoot to –2 V, during transition and for less than 20 ns.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
–40 to 85
°C
TBIAS
1
Temperature Under Bias
–50 to 125
°C
TSTG
1
Storage Temperature
–65 to 150
°C
VIO
1,2
Input or Output Voltage (except A9)
–0.6 to 7
V
VCC
1
Supply Voltage
–0.6 to 7
V
VA9, VG, VEF
1,2
A9, G and EF Voltage
–0.6 to 13.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com