Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39432 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M39432
Description  Single Chip 4 Mbit Flash Memory and 256 Kbit Parallel EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39432 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M39432 Datasheet HTML 7Page - STMicroelectronics M39432 Datasheet HTML 8Page - STMicroelectronics M39432 Datasheet HTML 9Page - STMicroelectronics M39432 Datasheet HTML 10Page - STMicroelectronics M39432 Datasheet HTML 11Page - STMicroelectronics M39432 Datasheet HTML 12Page - STMicroelectronics M39432 Datasheet HTML 13Page - STMicroelectronics M39432 Datasheet HTML 14Page - STMicroelectronics M39432 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11/28
M39432
All bytes must be located on the same page
address (A6-A18 must be the same for all bytes).
Otherwise, the Page Write operation is not
executed.
As with the single byte Write operation, described
above, the DQ6 and DQ7 lines can be used to
detect the beginning and end of the internally
controlled phase of the Page Write cycle.
EEPROM Block Software Data Protection
The Software Data Protection (SDP) instruction
protects the EEPROM block from inadvertent
Write operations, for example that might be
caused under uncontrolled bus conditions.
By default, the M39432 is shipped in the
unprotected state: the EEPROM memory can be
written
to
normally.
After
the
SDP Enable
instruction, the device enters the Protected Mode,
and further write operations have no effect on the
EEPROM contents.
The device remains in this mode until a valid SDP
Disable instruction has been received. The device
then returns to its unprotected state.
To enable the Software Data Protection, the
device has to be written (under Page Write timing
conditions) with three specific data bytes at three
specific memory locations (each location on a
different page) as shown in Table 4 and Figure 6.
Figure 6 shows that there are three ways to use
the SDP-Enable instruction. Firstly, as shown in
the flow-chart on the left, it can be used as a three-
byte instruction that sets the SDP. Secondly, it can
be used as a way of writing data to the EEPROM
even when the SDP is set. Only if the data to be
written is preceeded by the correct three byte
instruction, and all the bytes are written with the
correct Page Write timing, will the request be
accepted, and acted on. Lastly, if the SDP is
currently not set, the instruction can be used as a
means of performing a Page Write, and setting the
SDP at the same time.
To disable the Software Data Protection the user
has to write specific data bytes into six different
locations (under Page Write timing conditions)
with different bytes being written on different
pages, as shown in Figure 7.
The Software Data Protection state is held
internally in a non-volatile latch (and so the state is
remembered across power-on and power-off
events. Access to this latch, through the SDP
Enable and Disable instructions, require the same
write time (tWC) as for the non-volatile memory.
This Write operation can be monitored on the
Toggle bit (status bit DQ6) and the Ready/Busy
pin, but not on DQ7. The Ready/Busy output is
driven low from the first written byte (the first Write
AAh,@5555h of the SDP sequence) until the
completion of the internal Page Write sequence.
Writing the OTP Row
Writing in the OTP row is enabled by an instruction
composed of three specific Write operations,
under Page Write timing conditions, as shown in
Table 4. These instructions write data bytes at
three specific memory locations, each location on
a different page, followed by the data (between 1
and 64 bytes) that is to be stored in the OTP row.
This action can only be performed once. Even by
writing fewer than all 64 bytes on the first write to
the OTP row, none of the bytes, including any that
have not yet been changed, can be modified at a
later time.
When accessing the OTP row, the only least
significant address bits (A0 to A6) are decoded. Of
these, A6 must be held at 0.
Writing the EEPROM Block Identifier
The EEPROM Block Identifier (64 bytes) can be
written with a single Write operation with VID
applied on A9, and A6 is driven low, as shown in
Table 8.
Programming the Flash Block
Programming a byte in the Flash memory block is
performed using the instruction shown in Table 4.
This is different to writing data to the EEPROM
block, which is performed as an operation (as
shown in Table 3). Similarly, an instruction is
needed when erasing a sector of Flash memory.
The Program instruction is a sequence of three
specific Write operations, followed by a Write
operation bearing the address and data that is to
be written (as shown in Table 4). The M39432
automatically
starts
and
performs
the
programming after the fourth write operation. In
this way, the Flash memory block can be
programmed a byte at a time.
The Flash memory block rejects any further
instructions that arrive during the execution of the
Program instruction. During programming, the
memory status may be checked by reading the
status bits DQ7, DQ6 and DQ5, as described on
page 8.
Data Polling using DQ7. Please
see
the
description on page 8.
Data Toggling using DQ6. Please
see
the
description on page 8.
Flash Block Erase
A Write to the EEPROM block is an operation that
triggers an automatic, internal sequence of Byte
Erase followed by Byte Write.
The Flash memory block, though, is different.
Writing to the Flash memory block first requires an
explicit Erase operation.
The Flash memory Erase instruction cannot be
addressed to a byte at a time. The Erase can only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com