Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39432 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M39432
Description  Single Chip 4 Mbit Flash Memory and 256 Kbit Parallel EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39432 Datasheet(HTML) 3 Page - STMicroelectronics

  M39432 Datasheet HTML 1Page - STMicroelectronics M39432 Datasheet HTML 2Page - STMicroelectronics M39432 Datasheet HTML 3Page - STMicroelectronics M39432 Datasheet HTML 4Page - STMicroelectronics M39432 Datasheet HTML 5Page - STMicroelectronics M39432 Datasheet HTML 6Page - STMicroelectronics M39432 Datasheet HTML 7Page - STMicroelectronics M39432 Datasheet HTML 8Page - STMicroelectronics M39432 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3/28
M39432
Data Input/Output (DQ0-DQ7)
During a Write operation, one data byte is latched
into the device when Write Enable (W) and one
Chip Enable (EF or EE) are driven low.
During a Read operation, the output presented on
these pins is valid when Output Enable (G) and
one Chip Enable (EF or EE) are driven low. The
output is high impedance when the chip is
deselected (both EE and EF driven high) or the
outputs are disabled (G driven high).
Read operations are used to output:
– bytes in the Flash memory block
– bytes in the EEPROM block
– the Manufacturer Identifier
– the Flash Sector Protection Status
– the Flash Block Identifier
– the EEPROM Identifier
– the OTP row.
Chip Enable (EE and EF)
Each Chip Enable (EE or EF) causes the memory
control logic, input buffers, decoders and sense
amplifiers to be activated. When the EE input is
driven high, the EEPROM memory block is not
selected; when the EF input is driven high, the
Flash memory block is not selected. Attempts to
access both EEPROM and Flash blocks (EE low
and EF low) are forbidden. Switching between the
two chip enables (EE and EF) must not be made
on the same clock cycle, a delay of greater than
tEHFL must occur.
The M39432 is in stand-by mode when both EF
and EE are high (when no internal Erase or
programming
cycle
is
running).
The
power
consumption is reduced to the stand-by level and
the outputs are held in the high state, independent
of the Output Enable (G) or Write Enable (W)
inputs.
After 150 ns of inactivity, and when the addresses
are driven at CMOS levels, the chip automatically
enters
a
pseudo-stand-by
mode.
Power
consumption is reduced to the CMOS stand-by
level, while the outputs continue to drive the bus.
Output Enable (G)
The Output Enable gates the outputs through the
data buffers during a Read operation. The data
outputs are left floating in their high impedance
state when the Output Enable (G) is high.
During Sector Protect (Figure 8) and Sector
Unprotect (Figure 9) operations (for the Flash
memory block only), the G input must be held at
VID (as specified in Table 11).
Write Enable (W)
Addresses are latched on the falling edge of W,
and Data Inputs are latched on the rising edge of
W.
Ready/Busy (R/B)
When the EEPROM block is engaged in an
internal Write cycle, the Ready/Busy output shows
the status of the device:
–R/B is 0 when a Write cycle is in progress
–R/B is Hi-Z when no Write cycle is in progress
The Ready/Busy pin does not show the status of a
Program or Erase cycle in the Flash memory.
This pin can be used to show the status of the
EEPROM block, even when reading data (or
fetching instructions) from the Flash memory
block.
Figure 3. Flash Block Sectors
64K Bytes Block
AI01362B
7FFFFh
6FFFFh
5FFFFh
4FFFFh
3FFFFh
2FFFFh
1FFFFh
0FFFFh
TOP
ADDRESS
70000h
60000h
50000h
40000h
30000h
20000h
10000h
00000h
BOTTOM
ADDRESS
A18
1
1
64K Bytes Block
64K Bytes Block
64K Bytes Block
64K Bytes Block
A17
1
1
A16
1
0
1
1
0
0
1
0
0
0
1
1
1
0
001
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com