Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39432 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M39432
Description  Single Chip 4 Mbit Flash Memory and 256 Kbit Parallel EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39432 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M39432 Datasheet HTML 6Page - STMicroelectronics M39432 Datasheet HTML 7Page - STMicroelectronics M39432 Datasheet HTML 8Page - STMicroelectronics M39432 Datasheet HTML 9Page - STMicroelectronics M39432 Datasheet HTML 10Page - STMicroelectronics M39432 Datasheet HTML 11Page - STMicroelectronics M39432 Datasheet HTML 12Page - STMicroelectronics M39432 Datasheet HTML 13Page - STMicroelectronics M39432 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
M39432
10/28
Program cycles, and after the sixth pulse on the W
line for Erase cycles.
Error flag, DQ5 (Flash memory block only).
This bit is set to ’1’ when there is a failure during a
Program, Sector Erase, or the Bulk Erase
instruction in the Flash memory block. Otherwise,
the bit is held at ‘0’.
If an error occurs during a Program or Sector
Erase instruction, the sector in which the error
occurred, must not be used any more. Other
sectors may still be used, though. The Error bit is
reset after a Reset instruction.
If DQ5 becomes set to ’1’ during either of the
polling algorithm, shown in Figure 4 and Figure 5,
DQ7 (DQ6) should be checked again in case it had
changed simultaneously with DQ5. If DQ7 shows
the original data bit (after a Program cycle) or if
DQ7 is set to ’1’ (after an Erase cycle), or if DQ6
has ceased to toggle, the operation is successful
and the calling routine can resume normal
execution. It is recommended, as a final check,
that a second Read be performed, and that the
read value be compared against the original data
(in the case of a Write or Program cycle) or against
the value FFh (in the case of an Erase cycle). If the
comparison shows false, this should be flagged as
an error.
Erase Time-Out Bit (DQ3). The Erase Time-Out
Bit can be used to identify the start of the internal
controller operation during a Sector Erase cycle.
While the sector addresses (after cycle 5 in Table
4) are being supplied at a faster rate than one
every 80
µs between two sector addresses, the
M39432 holds the DQ3 bit at 0. This indicates that
additional sectors can still be added to the list of
sectors that are to be erased. Once the internal
controller starts erasing, the Erase Timer Bit is set
to ‘1’.
BYTE WRITE (OR PAGE WRITE) IN EEPROM
Writing a byte, or a page of bytes, to the EEPROM
block is performed as an operation (see Table 3).
This is as opposed to Programming a byte in the
Flash
memory,
which
is
performed
as
an
instruction (see Table 4).
Byte Write in the EEPROM Block
A write operation is initiated when EE is taken low,
while EF is kept high, the Write Enable (W) is
taken low, and the output enable (G) is held high.
Addresses are latched on the falling edge of W or
EE (whichever occurs the later).
Once initiated, the Write operation continues
under internal timing, until it is completed. This
period (tWHRH) is specified in Table 16.
The status of the Write operation is indicated on
the Data Polling and Toggle bits (as described on
the previous page), and on the Ready/Busy output
(which is driven low for the duration of the internal
Write cycle).
Page Write in the EEPROM Block
The Page Write mode allows up to 64 bytes to be
written on a single page in a single go. This is
achieved through a series of successive Write
operations, no two of which are separated by more
than the tWLWL value (as specified in Table 16).
The page write is initiated as a byte write
operation: following the first Byte Write instruction,
the host may send another address and data with
a minimum data transfer rate of: 1/tWLWL. The
internal write cycle can start at any instant after
tWLWL. Once initiated, the write operation is
internally timed, and continues, uninterrupted,
until completion.
Figure 7. EEPROM SDP-Disable Flowchart
AI01699C
Write AAh in
Address 5555h
Write 55h in
Address 2AAAh
Write 80h in
Address 5555h
Unprotected State
after
tWC (Write Cycle time)
Write AAh in
Address 5555h
Write 55h in
Address 2AAAh
Write 20h in
Address 5555h
Page Write
Timing
Table 8. Write the EEPROM Block Identifier
EF
EE
G
W
A6
A9
Other Address Lines
DQ0 - DQ7
VIH
VIL
VIH
VIL
VIL
VID
Don’t Care
64 user-defined bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com