Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39432 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M39432
Description  Single Chip 4 Mbit Flash Memory and 256 Kbit Parallel EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39432 Datasheet(HTML) 5 Page - STMicroelectronics

  M39432 Datasheet HTML 1Page - STMicroelectronics M39432 Datasheet HTML 2Page - STMicroelectronics M39432 Datasheet HTML 3Page - STMicroelectronics M39432 Datasheet HTML 4Page - STMicroelectronics M39432 Datasheet HTML 5Page - STMicroelectronics M39432 Datasheet HTML 6Page - STMicroelectronics M39432 Datasheet HTML 7Page - STMicroelectronics M39432 Datasheet HTML 8Page - STMicroelectronics M39432 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5/28
M39432
Table 4. Instructions 1
Note: 1. AAh @ 5555h means “Write the value AAh at the address 5555h”.
2. This instruction can also be performed as a Verify operation with A9=VID (please see the section entitled “Flash Sector Protection
and Unprotection” on page 18).
3. Addresses of additional sectors to be erased must be entered within a time-out of 80
µs of each other.
Instruction
EE
EF
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 5
Cycle 6
Cycle 7
Read
Manufacturer
Identifier 2
10
AAh
@5555h
55h
@2AAAh
90h
@5555h
Read Identifier
with (A0,A1,A6)
set to (0,0,0)
Read Flash
Identifier 2
10
AAh
@5555h
55h
@2AAAh
90h
@5555h
Read Identifier
with (A0,A1,A6)
set to (1,0,0)
Read OTP Row
0
1
AAh
@5555h
55h
@2AAAh
90h
@5555h
Read
Byte 1
Read
Byte 2
Read
Byte N
Read Sector
Protection Status2
10
AAh
@5555h
55h
@2AAAh
90h
@5555h
Read Identifier
with (A0,A1,A6)
set to (0,1,0)
Program a Byte of
Flash Memory
10
AAh
@5555h
55h
@2AAAh
A0h
@5555h
Data
@ Address
Erase a Sector of
Flash Memory
10
AAh
@5555h
55h
@2AAAh
80h
@5555h
AAh
@5555h
55h
@2AAAh
30h
@ Sector
address
30h
@ Sector
address3
Erase the Whole
of Flash Memory
10
AAh
@5555h
55h
@2AAAh
80h
@5555h
AAh
@5555h
55h
@2AAAh
10h
@5555h
Suspend Sector
Erase
10
B0h
@any
address
Resume Sector
Erase
10
30h
@any
address
EEPROM Power
Down
01
AAh
@5555h
55h
@2AAAh
30h
@5555h
Deep Power
Down
10
20h
@5555h
SDP Enable
(EEPROM)
01
AAh
@5555h
55h
@2AAAh
A0h
@5555h
Write
Byte 1
Write
Byte 2
Write
Byte N
SDP Disable
(EEPROM)
01
AAh
@5555h
55h
@2AAAh
80h
@5555h
AAh
@5555h
55h
@2AAAh
20h
@5555h
Write OTP Row
0
1
AAh
@5555h
55h
@2AAAh
B0h
@5555h
Write
Byte 1
Write
Byte 2
Write
Byte N
Return (from OTP
Read or
EEPROM Power
Down)
01
F0h
@any
address
Reset
1
0
AAh
@5555h
55h
@2AAAh
F0h
@any
address
Reset (short
instruction)
10
F0h
@any
address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com