Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39432 Datasheet(PDF) 23 Page - STMicroelectronics

Part # M39432
Description  Single Chip 4 Mbit Flash Memory and 256 Kbit Parallel EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39432 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M39432 Datasheet HTML 19Page - STMicroelectronics M39432 Datasheet HTML 20Page - STMicroelectronics M39432 Datasheet HTML 21Page - STMicroelectronics M39432 Datasheet HTML 22Page - STMicroelectronics M39432 Datasheet HTML 23Page - STMicroelectronics M39432 Datasheet HTML 24Page - STMicroelectronics M39432 Datasheet HTML 25Page - STMicroelectronics M39432 Datasheet HTML 26Page - STMicroelectronics M39432 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23/28
M39432
Table 17. Data Polling and Toggle Bit AC Characteristics 1
(TA = –40 to 85 °C; VCC = 2.7 V to 3.6 V)
Note: 1. All other timings are defined in Table 13.
2. tWHQ7V is the Program or Erase time.
Table 18. Program, Erase Times and Program, Erase Endurance Cycles (Flash Block)
(TA = –40 to 85 °C; VCC = 2.7 V to 3.6 V)
Symbol
Alt.
Parameter
M39432
Unit
-100
-120
-150
Min
Max
Min
Max
Min
Max
tWHQ7V1
2
Write Enable High to DQ7 Valid
(Program, W controlled)
10
10
10
µs
tWHQ7V2
2
Write Enable High to DQ7 Valid (Sector
Erase, W controlled)
1.5
30
1.5
30
1.5
30
s
tEHQ7V1
2
Flash Block Enable High to DQ7 Valid
(Program, EF controlled)
10
10
10
µs
tEHQ7V2
2
Flash Block Enable High to DQ7 Valid
(Sector Erase, EF controlled)
1.5
30
1.5
30
1.5
30
s
tQ7VQV
DQ7 Valid to Output Valid (Data
Polling)
40
50
55
ns
tWHQV1
Write Enable High to Output Valid
(Program)
10
10
10
µs
tWHQV2
Write Enable High to Output Valid
(Sector Erase)
1.5
30
1.5
30
1.5
30
s
tEHQV1
Flash Block Enable High to Output
Valid (Program)
10
10
10
µs
tEHQV2
Flash Block Enable High to Output
Valid (Sector Erase)
1.5
30
1.5
30
1.5
30
s
Parameter
M39432
Unit
Min.
Typ.
Max.
Chip Program (Byte)
8
s
Chip Erase (Pre-programmed)
3
30
s
Chip Erase
10
s
Sector Erase (Pre-programmed)
1
30
s
Sector Erase
2
s
Byte Program
10
µs
Program/Erase Cycles (per Sector)
100,000
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com