Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 101 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 101 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 97Page - Texas Instruments DAC39RF10 Datasheet HTML 98Page - Texas Instruments DAC39RF10 Datasheet HTML 99Page - Texas Instruments DAC39RF10 Datasheet HTML 100Page - Texas Instruments DAC39RF10 Datasheet HTML 101Page - Texas Instruments DAC39RF10 Datasheet HTML 102Page - Texas Instruments DAC39RF10 Datasheet HTML 103Page - Texas Instruments DAC39RF10 Datasheet HTML 104Page - Texas Instruments DAC39RF10 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 232 page
background image
SYSREF_PS_EN is enabled has a 1 in a position, the SYSREF_POS value is set to one. This provides worst
case values for SYSREF_POS to select the optimum SYSREF_SEL setting.
Table 7-4. Examples of SYSREF_POS Readings and SYSREF_SEL Selections
SYSREF_POS[19:0]
OPTIMAL SYSREF_SEL
SETTING
0x092[3:0]
(positions 19-16)
0x091[7:0](1)(positions 15-8)
0x090[7:0](1)
(positions 7-0)
b1000
b01100000
b00011001
8 or 9
b1000
b00000000
b00110001
12
b1000
b01100000
b00000001
6 or 7
b1000
b00000011
b00000001
4 or 14
b1100
b01100011
b00011001
6
(1)
Underlined 0 indicates the bits that are selected, as given in the last column of this table.
To use SYSREF Windowing:
1. Apply SYSREF and CLK
2. Set SYSREF_RECV_SLEEP = 0 and SYSREF_ZOOM = 1
3. If persistence is desired, set SYSREF_PS_EN = 1 and allow many SYSREF transitions for SYSREF_POS to
build.
4. Read SYSREF_POS and determine a proper setting for SYSREF_SEL, as shown above. If a proper
sampling point cannot be determined, set SYSREF_ZOOM = 0 and retry.
5. Once a proper value for SYSREF_SEL is applied, program SYSREF_PROC_EN = 1 and
SYSREF_ALIGN_EN = 1.
6. SYSREF is now being properly processed by the device and the user can proceed to use the JESD204C
interface (or other functionality) that relies on SYSREF.
7. SYSREF may need to be adjusted over large temperature or supply voltage swings, depending on the input
clock frequency. The SYSREF invalid window dependence on temperature (tINV(TEMP)) and VA11 supply
voltage (tINV(VA11)) is given in Section 6.8. To adjust SYSREF_SEL to track shifts in SYSREF relative to the
input clock, the following steps can be looped (that is, in background during operation of the JESD204C link):
a. If persistence is desired, clear and then set SYSREF_PS_EN, and allow many SYSREF transitions for
the SYSREF_POS data to build.
b. Read SYSREF_POS and determine a new value for SYSREF_SEL (but do not program it yet).
The procedure to incrementally adjust SYSREF_SEL should prefer values that are closer to the
previousSYSREF_SEL value rather than selecting the smallest valid SYSREF_SEL value. This helps
make sure that the original valid window is selected and tracked rather than selecting a different window
which would cause clock realignment to occur.
c. Program SYSREF_PROC_EN = 0. Write the new SYSREF_SEL value, and then set
SYSREF_PROC_EN = 1. The new SYSREF_SEL value is now used by the device.
d. Wait for some period of time, then return to step 7a above.
7.3.6 Digital Signal Processing Blocks
The digital signal processing blocks are shown in Figure 7-13. The device includes four digital up-converter
(DUC) blocks supporting four complex (IQ) input streams that can be combined at different RF frequencies. The
four DUCs can be flexibly assigned and summed together for either DAC output in the channel bonder. The final
signal processing block is a extra interpolate by 2 filter for use with DES2XL/H mode.
Table 7-5 and Table 7-6 list the available modes for single channel and dual channel outputs, respectively.
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
101
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com