Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet(PDF) 103 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 103 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 99Page - Texas Instruments DAC39RF10 Datasheet HTML 100Page - Texas Instruments DAC39RF10 Datasheet HTML 101Page - Texas Instruments DAC39RF10 Datasheet HTML 102Page - Texas Instruments DAC39RF10 Datasheet HTML 103Page - Texas Instruments DAC39RF10 Datasheet HTML 104Page - Texas Instruments DAC39RF10 Datasheet HTML 105Page - Texas Instruments DAC39RF10 Datasheet HTML 106Page - Texas Instruments DAC39RF10 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 232 page
background image
7.3.6.1 Digital Upconverter (DUC)
Each DUC interpolates the I and Q signals by factors ranging from LT = 2, 3, 4, 6, 8, 12, 16, 24, 32, 48, 64,
96, 128, 192 and 256. The resulting up-converted baseband I/Q signal is then multiplied by a complex sinusoid
generated by the numerically controlled oscillator (NCO) to mix the signal to the desired carrier frequency for
output from the DAC. The interpolation factors supported vs the number of DUCs enabled is listed in Table 7-7.
Table 7-7. Supported Interpolation Factors vs Number of DUCs Enabled
Number of Streams (JESD_M)
Interpolation Factors Supported (LT)
DUCs Enabled
2
2-256x
DUC0
4
4-256x
DUC0, DUC1
6
8-256x
DUC0, DUC1, DUC2
8
8-256x
DUC0, DUC1, DUC2, DUC3
The NCOs and mixer can be bypassed, essentially setting the frequency and phase to 0, in which case the I
input passes to the I output and the Q input passes to the Q output.
7.3.6.1.1 Interpolation Filters
The first operation of the DUC is to interpolate the input signal to a higher data rate. The available
interpolation options are summarized in Table 7-8. The sampling rate of the input signal is multiplied by the
specified interpolation amount to determine the DAC output rate, subject to the maximum sample rate for the
DAC39RF10-Sx and 'RFS10-Sx. These rates do not include the optional 2x interpolation for DES mode. For
interpolations rates 6x and below, a reduced number of DUC channels are available.
Table 7-8. Summary of Interpolation Options
INTERPOLATION
Maximum Number of DUC channels
2x
1
3x
1
4x
2
6x
2
8x
4
12x
4
16x
4
24x
4
32x
4
48x
4
64x
4
96x
4
128x
4
192x
4
256x
4
Each DUC contains multiple 2x or 3x interpolating filters. The filter coefficients for each filter are listed in Table
7-9 and the filters used for each interpolation factor are shown in Table 7-10. The interpolation filter composite
responses are given in Figure 7-14 to Figure 7-42. The filters are designed to provide a passband bandwidth of
80% on the input bandwidth and passband ripple less than 0.01 dB. The stopband attenuation is greater than 90
dB for any signal within the passband.
Table 7-9. Interpolation Filter Coefficients
Filter
Coefficients (Center Tap in Bold)
fir1
[6 0 -19 0 47 0 -100 0 192 0 -342 0 572 0 -914 0 1409 0 -2119 0 3152 0 -4729 0 7420 0 -13334 0 41527 65536 41527 0
-13334 0 7420 0 -4729 0 3152 0 -2119 0 1409 0 -914 0 572 0 -342 0 192 0 -100 0 47 0 -19 0 6 ]*2-16
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
103
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com