Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F6P6-R Datasheet(PDF) 6 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F6P6-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F6P6-R Datasheet(HTML) 6 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F6P6-R Datasheet HTML 2Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 3Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 4Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 5Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 6Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 7Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 8Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 9Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 10Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
www.geehy.com
Page 5
2.
Product Information
See the following table for specific APM32F003x4x6 product functions and
peripheral configuration.
Table 1 The APM32F003x4x6 product functions and peripheral configuration
Products
APM32F003x4x6
F4P6
F6P6
F4U6
F6U6
F4M6
F6M6
Encapsulation
TSSOP20
TSSOP20
QFN20
QFN20
SOP20
SOP20
Flash(Kbytes)
16
32
16
32
16
32
SRAM(Kbytes)
2
4
2
4
2
4
Timer
Advanced
(
16bit)
2
General
(16bit)
1
Basic
(8bit)
1
SysTick
(24bit)
1
WUPT
1
WDT
2
Communication
Interface
USART
3
I2C
1
SPI
1
12bit
ADC
unit
1
channels
8
GPIOs
16
BUZZER
1
Core
Arm® Cortex®-M0+
Frequency
48MHz
Service voltage
2.4~5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com