Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F6P6-R Datasheet(PDF) 14 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F6P6-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F6P6-R Datasheet(HTML) 14 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F6P6-R Datasheet HTML 10Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 11Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 12Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 13Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 14Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 15Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 16Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 17Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 18Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
www.geehy.com
Page 13
Clock
The four clock sources HXT, HXT user-ext, HIRC and LIRC can be the master
clock, as shown in the following table:
Table 4 It can be used as the clock source of the master clock
Clock source
description
HXT
1-24MHz high speed external crystal oscillator
HXT user-ext
Maximum 24MHz high-speed external clock signal
HIRC
48MHz high speed internal RC oscillator
LIRC
128KHz low speed internal RC oscillator
Each clock source can be turned on or off independently to optimize power
consumption. In order to make the system start quickly, the clock controller
automatically uses HIRC's divide by 8 (HIRC/8) as the master clock after reset.
The reason is that the stabilization time of HIRC is short, and the HIRC/8 can
ensure the safe start of the system under poor VDD conditions. Once other clock
sources are stable, the user program can switch the master clock to another
clock source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com