Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F6P6-R Datasheet(PDF) 13 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F6P6-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F6P6-R Datasheet(HTML) 13 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F6P6-R Datasheet HTML 9Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 10Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 11Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 12Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 13Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 14Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 15Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 16Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 17Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
www.geehy.com
Page 12
Core
The Arm® Cortex®-M0+ core is built into the product, and the working frequency
is 24MHz, which is compatible with mainstream Arm tools and software.
The system block diagram of APM32F003x4x6 series chips is shown in Figure
3.
Interrupt controller
4.3.1.
Nested Vector Interrupt Controller (NVIC)
The APM32F003x4x6 series chips are embedded with a nested vector interrupt
controller, which can handle up to 23 masked interrupt channels (excluding
Cortex®-M0+interrupt lines) and 4 priorities.
Nested Vector Interrupt Controller (NVIC) has tightly coupled NVIC interface,
which can directly transmit interrupt vector entry address to kernel, and can
achieve low-latency interrupt response processing. In addition, it can give
priority to high-priority interrupts, automatically save processor state, and
automatically recover when interrupts return, without extra instruction overhead.
The module provides flexible interrupt management with minimal interrupt delay.
4.3.2.
External interrupt controller (EINT)
The external interrupt controller includes four edge detectors for generating
interrupt requests. Each interrupt line can be independently configured with
trigger events and can be individually shielded. All I/O pins have external
interrupt capability, and each port has an independent interrupt vector.
Memory
See the following table for details of memory:
Table 3 Memory description
Memory
Max bytes
Function
Built-in Flash
32Kbytes
Used to store programs and data.
Built-in SRAM
4Kbytes
It can be accessed in bytes, half words (16 bits)
or full words (32 bits).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com