Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F6P6-R Datasheet(PDF) 36 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F6P6-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F6P6-R Datasheet(HTML) 36 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F6P6-R Datasheet HTML 32Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 33Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 34Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 35Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 36Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 37Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 38Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 39Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 40Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
www.geehy.com
Page 35
5.10.2.
SPI interface characteristics
Table 41 SPI characteristics
Symbol
Parameter
Condition
Min
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
holotype
8
MHz
Slave mode
8
tr(SCK)
tf(SCK)
SPI clock rise and fall
time
Load capacitance:
C=30pF
-
16.854
ns
tsu(NSS)
NSS setup time
Slave mode
433.33
-
th(NSS)
NSS holding time
Slave mode
115.43
-
tw(SCKH)
tw(SCKL)
SCK high and low time
holotype
54.592
57.4723
tsu(MI)
tsu(SI)
Data input setup time
holotype
30.304
-
Slave mode
50.889
-
th(MI)
th(SI)
Data input holding time
holotype
64.746
-
Slave mode
52.22
-
ta(SO)
Data output access
time
Slave mode
2.530
12.272
tdis(SO)
Data output prohibition
time
Slave mode
25.235
-
tv(SO)
Effective time of data
output
Slave mode (after
enable edge)
-
29.605
tv(MO)
Effective time of data
output
Master mode (after
enable edge)
-
7.220
th(SO)
Data output holding
time
Slave mode (after
enable edge)
16.222
-
th(MO)
Master mode (after
enable edge)
8.356
-
Figure 9 SPI timing diagram—slave mode and CPHA=0
NSS Input
MOSI Input
MISO
Output
CPHA=0
CPOL=0
CPHA=0
CPOL=1
MSB OUT
BIT 6~1 OUT
LSB OUT
LSB IN
MSB IN
BIT 6~1 IN
th(NSS)
tc(SCK)
tr(SCK)
tf(SCK)
tdls(SO)
th(SO)
tV(SO)
ta(SO)
tSU(SI)
tSU(NSS)
th(SCKH)
tW(SCKL)
SCK Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com