Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F6P6-R Datasheet(PDF) 2 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F6P6-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F6P6-R Datasheet(HTML) 2 Page - Geehy Semiconductor Co., Ltd.

  APM32F003F6P6-R Datasheet HTML 1Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 2Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 3Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 4Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 5Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 6Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 7Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 8Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 9Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
www.geehy.com
Page 1
1.
Product Characteristics
◼
Systems Architecture
- 32-bit Arm® Cortex®-M0+ core
- The maximum working
frequency is 48MHz
- AHB bus, APB bus
◼
Power, clock and reset
- Power supply voltage is
2.4~5.5V
-
Clock: built-in factory calibrated
48MHz high-speed clock, built-
in factory calibrated 128KHz
low-speed clock, and external
1MHz-24MHz crystal oscillator
-
Reset: power-on reset and
power-down reset
◼
Memories
- Up to 32Kbytes Flash
- Up to 4Kbytes SRAM
◼
Low power
consumption mode
- Support three low power
consumption modes: wait,
active-halt and halt
◼
I/O
- Up to 16 I/O, all of which can be
mapped to external interrupt
controllers
◼
Timer and PWM
- Two 16-bit advanced timers with
4-channel capture comparison
function, PWM complementary
output and dead time control
- 1 16-bit general timer, which
supports PWM mode and 3-
channel capture comparison
function
- 1 8-bit basic timer
- 2 watchdog timers
- 1 system tick timer
- 1 automatic wake-up timer
◼
ADC
- 1 12bit resolution, 8 external
channels, supporting differential
input
◼
communication
interface
- 3 USART
- 1 I2C
- 1 SPI
◼
1 BUZZER
◼
Serial wire debugging
SWD interface
◼
Chip package
- TSSOP20/QFN20/SOP20
◼
96-bit UID
◼
Application field
- Smart home
- Medical equipment
- Motor driver
- Industrial sensor
- Auto parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com