Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F6P6-R Datasheet(PDF) 22 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F6P6-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F6P6-R Datasheet(HTML) 22 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F6P6-R Datasheet HTML 18Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 19Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 20Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 21Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 22Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 23Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 24Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 25Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 26Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
www.geehy.com
Page 21
Name
Counter
Resolver
Counter
type
Prescaler coefficient
Function description
to abandon its normal
sequence.
‒
Driven by the master clock, it
has early interrupt warning
function.
‒
It can be configured as a
software or hardware startup
watchdog.
4.11.5.
System tick timer (SysTick)
System tick timer is a standard 24-bit down counter with automatic reloading
function. When the counter is 0, it can generate a masked system interrupt.
4.11.6.
Automatic wake-up timer (WUPT)
WUPT can provide an internal wake-up time reference when MCU enters low
power Active Halt mode. The clock of the time reference is provided by the
internal low-speed RC oscillator clock (LIRC) or the pre-divided HXT crystal
oscillator clock.
BUZZER (Buzzer)
Embedded with a buzzer, when the LS clock works at 128kHz, it can generate a
buzzer signal with frequency of 1kHz, 2kHz or 4kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com