Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F6P6-R Datasheet(PDF) 21 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F6P6-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F6P6-R Datasheet(HTML) 21 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F6P6-R Datasheet HTML 17Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 18Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 19Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 20Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 21Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 22Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 23Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 24Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 25Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
www.geehy.com
Page 20
4.11.3.
Basic timer (TMR4)
The basic timer functions are as follows:
Table 13 Basic timer
Timer type
Basic timer
Timer
TMR4
Counting resolution
8 bits
Counter type
Up
Prescaler coefficient
Exponential power of any 2 from 1 to 128
Capture/ Comparison
Channels
0
Complementary output
-
Function description
‒
Used to connect with external signals or cascade timers.
‒
Interrupt generation. [When the counter is updated (the
counter overflows) and when the trigger signal is input]
4.11.4.
Watchdog (WDT)
Two watchdogs (independent watchdog and window watchdog) are embedded
in the product, which can be used to detect and solve faults caused by software
errors, thus improving the system security. The following table shows the
comparative data of two watchdogs.
Table 14 Watchdog (WDT)
Name
Counter
Resolver
Counter
type
Prescaler coefficient
Function description
Independent
watchdog
(IWDT)
8 bits
down
Between 4 and 256
Any exponential
power of 2
‒
It is driven by an internal
independent 128kHz LIRC RC
oscillator as a clock source, so
it still works as usual even if
the master clock fails.
‒
The whole system can be
reset in case of problems.
‒
It can provide timeout
management for applications.
‒
It can be configured as a
software or hardware startup
watchdog.
Window
watchdog
(
WWDT)
7 bits
down
-
‒
Used to detect software faults,
when it happens is generated
by external interference or
unexpected logic conditions,
which causes the application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com